Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C9X752FAEX Datasheet(PDF) 28 Page - Diodes Incorporated

Part # PI7C9X752FAEX
Description  High Performance 1.62V To 3.6V Dual Uart with 64-Byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X752FAEX Datasheet(HTML) 28 Page - Diodes Incorporated

Back Button PI7C9X752FAEX Datasheet HTML 24Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 25Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 26Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 27Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 28Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 29Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 30Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 31Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 32Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
28
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X752
Document Number DS40312 Rev 3-2
A product Line of
Diodes Incorporated
PI7C9X752
Offset 05H(default=60H)--- Line Status Register (LSR). Accessible when LCR[7]=0.
Bit
Type
Description
7
RO
Receiver FIFO Data Error Flag.
0 = No FIFO Error
1 = a flag for the sum of all error bits(parity error, framing error, or break)in the RX FIFO. This bit
clears when there is no more error in any of the bytes in the RX FIFO
6
RO
THR and TSR Empty Flag
This bit is set whenever the transmitter goes idle, it clears whenever either the THR or TSR contains a
data character.
5
RO
THR Empty Flag
This bit is set when the last data byte is transferred from THR to TSR.
5
RW
When set,Xon Any function is enabled and receiving any character will resume transmit operation.
The RX character will be loaded into the RX FIFO, unless the RX character is an Xon/Xoff character
and receiver software flow control is enabled.
4
RW
When set, internal loopback mode is enabled and TX output is looped back to the RX input internally,
and MCR[1:0] signals are looped back into MSR[4:5]
3
RW
Interrupt output control
0 = Forces the INT(A-D) output to high-impedance state (interrupt disable)
1 = INT(A-D) outputs to the active state (interrupt enable)
The interrupt enable state can be overridden by INTSEL pin:
INTSEL MCR[3] INTA-D outputs in 16 mode
0
0
Hi-Z
0
1
Active
1
X
Active
If Internal Loopback Mode(MCR[4]=1) is enabled, This bit is OP2 and is outputted to CD internally
OP2# can be used as a general purpose output:
0 = OP2# output set HIGH
1 = OP2# output set LOW
2
RW
FIFORdy register read enabled when MCR[4]=0 and ASR[0]=0 or OP1 if Internal Loopback
Mode(MCR[4]=1) is enabled and is outputted to RI internally
1
RW
RTS pin control: 0 = force RTS pin High
1 = force RTS pin Low
When internal loopback mode, it controls MSR[4].
if Auto-RTS is enabled, the RTS pin is controlled by hardware flow control
if the modem interface is not used, this output may be used as a general purpose output
0
RW
DTR pin control: 0 = force DTR pin High
1 = force DTR pin Lowuart_transmitter.
When internal loopback mode, it controls MSR[5].
if the modem interface is not used, this output may be used as a general purpose output
Note: MCR[7:5] can only be modified if EFR[4]=1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com