Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C9X752FAEX Datasheet(PDF) 33 Page - Diodes Incorporated

Part # PI7C9X752FAEX
Description  High Performance 1.62V To 3.6V Dual Uart with 64-Byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X752FAEX Datasheet(HTML) 33 Page - Diodes Incorporated

Back Button PI7C9X752FAEX Datasheet HTML 29Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 30Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 31Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 32Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 33Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 34Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 35Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 36Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 37Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
33
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X752
Document Number DS40312 Rev 3-2
A product Line of
Diodes Incorporated
PI7C9X752
Offset 04H(default=00)--- Advance Special Register (ASR). Accessible when EFR[4]=1,LCR[7]=1 and LCR!=0xBF.
Bit
Type
Description
7
RW
When set, RS-485 control register access enable
6
RW
When set, transmitter disabled
5
RW
When set, receiver disabled
4
RW
IrDA slow/fast mode control
0 = IrDA version 1.0, 3/16 pulse ratio,data rate up to 115.2 Kbps
1 = IrDA version 1.1, 1/4 pulse ratio,data rate up to 1.152 Mbps
3
RW
Infrared RX input logic select
0 = RX input as active HIGH, normal
1 = RX input as active LOW, inverted
2
RW
When set, sample clock register enable
1
RW
Not used
0
RW
When set, FIFO ready register access disable
Offset 02H(default=00H)--- Alternate Function Register (AFR). Accessible when EFR[4]=0,LCR[7]=1 and
LCR!=0xBF.
Bit
Type
Description
[7:2]
RO
Reserved
1
RW
Multi-function pin output OP2# select:
0: MCR[3]#
1: BAUDOUT#
0
RO
Reserved
FCTR[3]
FCTR[2]
FCTR[1]
FCTR[0]
RTS/DTR Hysteresis
(Characters)
0
0
0
0
0
0
0
0
1
+/- 4
0
0
1
0
+/- 6
0
0
1
1
+/- 8
0
1
0
0
+/- 8
0
1
0
1
+/- 16
0
1
1
0
+/- 24
0
1
1
1
+/- 32
1
1
0
0
+/- 12
1
1
0
1
+/- 20
1
1
1
0
+/- 28
1
1
1
1
+/- 36
1
0
0
0
+/- 40
1
0
0
1
+/- 44
1
0
1
0
+/- 48
1
0
1
1
+/- 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com