Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RACM90-24SK/OF Datasheet(PDF) 6 Page - Recom International Power

Part # RACM90-24SK/OF
Description  90 Watt 2” x 4” Open Frame & Enclosed Single Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM90-24SK/OF Datasheet(HTML) 6 Page - Recom International Power

  RACM90-24SK/OF Datasheet HTML 1Page - Recom International Power RACM90-24SK/OF Datasheet HTML 2Page - Recom International Power RACM90-24SK/OF Datasheet HTML 3Page - Recom International Power RACM90-24SK/OF Datasheet HTML 4Page - Recom International Power RACM90-24SK/OF Datasheet HTML 5Page - Recom International Power RACM90-24SK/OF Datasheet HTML 6Page - Recom International Power RACM90-24SK/OF Datasheet HTML 7Page - Recom International Power RACM90-24SK/OF Datasheet HTML 8Page - Recom International Power RACM90-24SK/OF Datasheet HTML 9Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.recom-power.com
REV.: 0/2022
PA-6
AC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RACM90-K
Series
DIMENSION AND PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
PCB
FR4, (UL94-V0)
baseplate / case (“/ENC)
aluminum
Dimension (LxWxH)
“/OF” Version
101.6 x 50.8 x 32.0mm
“/ENC” Version
118.3 x 62.7 x 38.7mm
Weight
“/OF” Version
180g typ.
“/ENC” Version
265g typ.
continued on next page
5.2
6.3
90.18
FC 95.25
FC 3.175
4X Ø3.30
101.6
CON1
CON2
1
1
3
4 5 6 7
7
6
5
4
3
Dimension Drawing “/OF”(mm)
AC Input Side View
DC Output Side View
5.2
6.3
90.18
FC 95.25
FC 3.175
4X Ø3.30
101.6
CON1
CON2
1
1
3
4 5 6 7
7
6
5
4
3
5.2
6.3
90.18
FC 95.25
FC 3.175
4X Ø3.30
101.6
CON1
CON2
1
1
3
4 5 6 7
7
6
5
4
3
Top View
Side View
Bottom View
Compatible Connector
Housing
Molex 41695 Series or equivalent
Crimp Terminal
Molex 2478 Series or equivalent
Connector Information
#
Function
Terminal
AC Input (CON1)
1
3
VAC in (N)
VAC in (L)
3 Pins (Pin2 removed)
with 3.96mm pitch
DC Output (CON2)
4,5
6,7
+VDC out
-VDC out
4 Pins
with 3.96mm pitch
FC= fixing centers
Tolerances: xx.x= ±0.5mm
xx.xx= ±0.25mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com