Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RACM90-24SK/OF Datasheet(PDF) 3 Page - Recom International Power

Part # RACM90-24SK/OF
Description  90 Watt 2” x 4” Open Frame & Enclosed Single Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM90-24SK/OF Datasheet(HTML) 3 Page - Recom International Power

  RACM90-24SK/OF Datasheet HTML 1Page - Recom International Power RACM90-24SK/OF Datasheet HTML 2Page - Recom International Power RACM90-24SK/OF Datasheet HTML 3Page - Recom International Power RACM90-24SK/OF Datasheet HTML 4Page - Recom International Power RACM90-24SK/OF Datasheet HTML 5Page - Recom International Power RACM90-24SK/OF Datasheet HTML 6Page - Recom International Power RACM90-24SK/OF Datasheet HTML 7Page - Recom International Power RACM90-24SK/OF Datasheet HTML 8Page - Recom International Power RACM90-24SK/OF Datasheet HTML 9Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.recom-power.com
REV.: 0/2022
PA-3
AC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RACM90-K
Series
REGULATIONS
Parameter
Condition
Value
Output Accuracy
±2.0% typ.
Line Regulation
low line to high line, full load
±0.5% typ.
Load Regulation (6)
10% to 100% load
1.0% typ.
Transient Response
25% load step change
4.0% max.
recovery time
500µs max.
Notes:
Note6: Operation below 10% load will not harm the converter, but specifications may not be met
RACM90-12SK
RACM90-24SK
2
-1
1
1.5
0.5
0
-0.5
-1.5
-2
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
2
-1
1
1.5
0.5
0
-0.5
-1.5
-2
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
PROTECTIONS
Parameter
Type
Value
Internal Input Fuse
L and N (dual fusing)
T4A, slow blow type
Short Circuit Protection (SCP)
hiccup, auto recovery
Over Voltage Protection (OVP)
130% - 150%, hiccup mode
Over Voltage Category
according to 61558-2-16
OVCIII (up to 2000m)
according to 60601-1
OVCII
Over Current Protection (OCP)
130% - 150%, hiccup mode
Isolation Voltage (7)
I/P to O/P
1 minute
4kVAC
Isolation Resistance
I/P to O/P, VISO= 500VDC
1G
Ω min.
Isolation Capacitance
I/P to O/P, 100kHz/0.1V
100pF max.
Touch Current
264VAC/63Hz
NC
<100µA
SFC
<500µA
Insulation Grade
reinforced
Means of Protection
≤300Vrms working voltage
2MOPP
Notes:
Note7: For repeat Hi-Pot testing, reduce the time and/or the test voltage
Deviation vs. Load
(@ 115-230VAC)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com