Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RACM90-24SK/OF Datasheet(PDF) 4 Page - Recom International Power

Part # RACM90-24SK/OF
Description  90 Watt 2” x 4” Open Frame & Enclosed Single Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM90-24SK/OF Datasheet(HTML) 4 Page - Recom International Power

  RACM90-24SK/OF Datasheet HTML 1Page - Recom International Power RACM90-24SK/OF Datasheet HTML 2Page - Recom International Power RACM90-24SK/OF Datasheet HTML 3Page - Recom International Power RACM90-24SK/OF Datasheet HTML 4Page - Recom International Power RACM90-24SK/OF Datasheet HTML 5Page - Recom International Power RACM90-24SK/OF Datasheet HTML 6Page - Recom International Power RACM90-24SK/OF Datasheet HTML 7Page - Recom International Power RACM90-24SK/OF Datasheet HTML 8Page - Recom International Power RACM90-24SK/OF Datasheet HTML 9Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.recom-power.com
REV.: 0/2022
PA-4
AC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RACM90-K
Series
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
with derating @ natural convection 0.1m/s
-40°C to +90°C
Operating Altitude
according to 60601-1
4000m (OVCII)
according to 61558-2-16
2000m (OVCIII)
Temperature Coefficient
±0.05%/K
Operating Humidity
non-condensing
5% - 95% RH max.
Pollution Degree
PD2
Vibration
according to MIL-STD-202G
10-500Hz, 2G 10min./1cycle, period 60min.
along x,y,z axes
MTBF
according to MIL-HDBK-217F, G.B.
TAMB= +25°C
776 x 103 hours
TAMB= +40°C
668 x 103 hours
Design Lifetime
TAMB= +45°C
12/15Vout
26 x 103 hours
TAMB= +50°C
26/36/48Vout
RACM90-K/OF
-40
-20
0
20
40
60
80
90
50
100
90
80
60
40
70
50
30
20
10
0
Ambient Temperature [°C]
24Vout
12/15/36/48Vout
-40
-20
0
20
40
60
80
90
50
100
90
80
60
40
70
50
30
20
10
0
Ambient Temperature [°C]
15/24/36/48Vout
12Vout
120-240VAC
100VAC
-40
-20
0
20
40
60
80
90
50
45
100
90
80
60
40
70
50
30
20
10
0
Ambient Temperature [°C]
24Vout
12Vout
15/36/48Vout
-40
-20
0
20
40
60
80
90
50
45
100
90
80
60
40
70
50
30
20
10
0
Ambient Temperature [°C]
24/36/48Vout
12Vout
15Vout
100VAC
120-240VAC
RACM90-K/ENC
Thermal Rating
(@ natural convection 0.1m/s)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com