Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RACM90-24SK/OF Datasheet(PDF) 5 Page - Recom International Power

Part # RACM90-24SK/OF
Description  90 Watt 2” x 4” Open Frame & Enclosed Single Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM90-24SK/OF Datasheet(HTML) 5 Page - Recom International Power

  RACM90-24SK/OF Datasheet HTML 1Page - Recom International Power RACM90-24SK/OF Datasheet HTML 2Page - Recom International Power RACM90-24SK/OF Datasheet HTML 3Page - Recom International Power RACM90-24SK/OF Datasheet HTML 4Page - Recom International Power RACM90-24SK/OF Datasheet HTML 5Page - Recom International Power RACM90-24SK/OF Datasheet HTML 6Page - Recom International Power RACM90-24SK/OF Datasheet HTML 7Page - Recom International Power RACM90-24SK/OF Datasheet HTML 8Page - Recom International Power RACM90-24SK/OF Datasheet HTML 9Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.recom-power.com
REV.: 0/2022
PA-5
AC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RACM90-K
Series
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report Number
Standard
Medical electrical equipment Part 1: General requirements for basic safety and
essential performance
pending
CAN/CSA-C22.2 No. 60601-1:14
ANSI/AAMI ES60601-1:2005
Medical electrical equipment Part 1: General requirements for basic safety and
essential performance
pending
IEC60601-1:2005
EN60601-1:2006
Audio/Video, information and communication technology equipment - Safety
requirements (CB Scheme)
pending
IEC62368-1:2014
Audio/Video, information and communication technology equipment - Safety
requirements (LVD)
pending
EN62368-1:2014
Household and similar electrical appliances – Safety – Part 1: General require-
ments (LVD)
pending
IEC60335-1:2010
EN60335-1:2012
Safety of power transformers, power supplies, reactors & similar products for
supply voltages up to 1100 V Part 2: Particular requirements (CB Scheme)
pending
IEC61558-2-16:2009
Safety of power transformers, power supplies, reactors & similar products for
supply voltages up to 1100 V Part 2: Particular requirements
pending
EN61558-2-16:2009
Safety of power transformers, power supplies, reactors and similar products for
supply voltages up to 1100 V (CB Scheme)
pending
IEC61558-1:2017
Safety of power transformers, power supplies, reactors and similar products for
supply voltages up to 1100 V (CB Scheme)
EN IEC 61558-1:2019
RoHS2
RoHS 2011/65/EU + AM2015/863
EMC Compliance (EN61204-3)
Condition
Standard / Criterion
Low voltage power supplies, d.c. output Part 3: Electromagnetic compatibility
JYTAB-R01-2100249
EN/IEC61204-3:2018
ESD Electrostatic discharge immunity test
Contact: ±4kV
EN61000-4-2:2009, Criteria B
Radiated, radio-frequency, electromagnetic field immunity test
10V/m (80-1000MHz)
3V/m (1400-2000MHz)
1V/m (2000-2700MHz)
EN61000-4-3:2006, Criteria A
Fast Transient and Burst Immunity
AC Port: L-N 2kV
EN61000-4-4:2012, Criteria A
Surge Immunity
AC Port: L-N 0,5, 1kV
EN61000-4-5:2014, Criteria A
Immunity to conducted disturbances, induced by radio-frequency fields
AC Port: 10Vrms (0.15-80MHz)
EN61000-4-6:2014, Criteria A
Power Magnetic Field Immunity
30A/M
EN61000-4-8:2010; Criteria A
Voltage Dips and Interruptions
Dips: 100% (0.5, 1.0P), 30%, 20%
60%
Interruptions: 100%
EN61000-4-11:2004, Criteria A
EN61000-4-11:2004, Criteria B
EN61000-4-11:2004, Criteria B
Limits of Voltage Fluctuations & Flicker
EN61000-3-3:2013
EMC Compliance (EN55032)
Condition
Standard / Criterion
Electromagnetic compatibility of multimedia equipment - Emission requirements
JYTAB-R01-2100250
EN55032:2015
Electromagnetic compatibility of multimedia equipment - Immunity requirements
EN55035:2017
ESD Electrostatic discharge immunity test
Contact: ±2, 4kV
EN61000-4-2:2009, Criteria B
Radiated, radio-frequency, electromagnetic field immunity test
3 V/m (80-5000MHz)
EN61000-4-3:2006+A2:2010, Criteria A
Fast Transient and Burst Immunity
AC Port: L-N 1kV
EN61000-4-4:2012, Criteria A
Surge Immunity
AC Port: L-N 0,5, 1kV
EN61000-4-5:2014, Criteria A
Immunity to conducted disturbances, induced by radio-frequency fields
AC Port: 3Vrms (0.15-10MHz)
3-1Vrms (10-30MHz)
1Vrms (30-80MHz)
EN61000-4-6:2014, Criteria A
Power Magnetic Field Immunity
1A/m
EN61000-4-8:2010, Criteria A
Voltage Dips and Interruptions
Dips: 100%, 30%
Interruptions:100%
EN61000-4-11:2004 , Criteria A
EN61000-4-11:2004, Criteria B
Limits of Harmonic Current Emissions
EN61000-3-2:2014
Limits of Voltage Fluctuations & Flicker
EN61000-3-3:2013



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com