Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574S60E3 Datasheet(PDF) 74 Page - STMicroelectronics

Part # SPC574S60E3
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S60E3 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button SPC574S60E3 Datasheet HTML 69Page - STMicroelectronics SPC574S60E3 Datasheet HTML 70Page - STMicroelectronics SPC574S60E3 Datasheet HTML 71Page - STMicroelectronics SPC574S60E3 Datasheet HTML 72Page - STMicroelectronics SPC574S60E3 Datasheet HTML 73Page - STMicroelectronics SPC574S60E3 Datasheet HTML 74Page - STMicroelectronics SPC574S60E3 Datasheet HTML 75Page - STMicroelectronics SPC574S60E3 Datasheet HTML 76Page - STMicroelectronics SPC574S60E3 Datasheet HTML 77Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 74 / 77 page
background image
Revision history
SPC574Sx
74/77
DS10601 Rev 6
11-Oct-2017
4
Updated RPNs on the cover page to “SPC574S60E3, SPC574S60E5, SPC574S64E3,
SPC574S64E5”
Removed references of package “BGA244” throughout the document.
Number of LinFlexD instances updated from 2 to 4
Table 1: SPC574S60Ex, SPC574S60C2 device feature summary (superset
configuration):
– System SRAM updated from “64 KB” to “96 KB”
– Code flash memory updated from “1 MB” to “1.5 MB”
Updated Section :
Updated Figure 1: Block diagram
Updated Table 3: SPC574Sx series block summary:
– “PLL0” updated to “Frequency-modulated phase-locked loop (PLL0)”
– “AIPS” updated to “PBRIDGE”
– For Flash memory, “1M” updated to “1.5M”
– For WKPU, external sources updated from “18” to “4”
Updated Figure 2: eTQFP 100-pin configuration:
– Pin 29 updated from “VREFH_ADC” to “PC[0]”
– Pin 30 updated from “PB[9]” to “PC[1]”
– Pin 37 updated from “PC[0]” to “VREFH_ADC”
– Pin 38 updated from “PC[1]” to “VREFL_ADC”
Updated Figure 2.2: Pin descriptions:
– Pin 6 updated from “VREFH_ADC” to “PC[0]”
– Pin 7 updated from “PB[9]” to “PC[1]”
– Pin 16 updated from “PC[0]” to “VREFH_ADC”
– Pin 17 updated from “PC[1]” to “VREFL_ADC”
– Pin 18 updated from “VDD_HV_ADC_TSENS” to “VDD_HV_ADC_TSENS_0”
– Pin 28 updated from “PG[9]” to “PH[0]”
– Pin 29 updated from “VREFH_ADC” to “PH[1]”
– Pin 36 updated from “PH[0]” to “VREFH_ADC_1”
– Pin 37 updated from “PH[1]” to “VREFL_ADC_1”
– Pin 38 updated from “VDD_HV_ADC_TSENS” to “VDD_HV_ADC_TSENS_1”
Removed figure “244-ball BGA pinout (top view)”
Updated Table 4: Cross-mapping between pads and package pins:
– Removed PAD[116]
– Added PAD[115]
– For PAD[105], pin value for eTQFP144 updated from “28” to “-”
Updated Figure 8: Power supply scheme for eTQFP100
Table 43. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com