Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574S60E3 Datasheet(PDF) 33 Page - STMicroelectronics

Part # SPC574S60E3
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S60E3 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button SPC574S60E3 Datasheet HTML 29Page - STMicroelectronics SPC574S60E3 Datasheet HTML 30Page - STMicroelectronics SPC574S60E3 Datasheet HTML 31Page - STMicroelectronics SPC574S60E3 Datasheet HTML 32Page - STMicroelectronics SPC574S60E3 Datasheet HTML 33Page - STMicroelectronics SPC574S60E3 Datasheet HTML 34Page - STMicroelectronics SPC574S60E3 Datasheet HTML 35Page - STMicroelectronics SPC574S60E3 Datasheet HTML 36Page - STMicroelectronics SPC574S60E3 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 77 page
background image
DS10601 Rev 6
33/77
SPC574Sx
Electrical characteristics
76
Figure 4. Start-up reset requirements
Figure 5 describes the device behavior depending on the supply signal on PORST:
1.
PORST does not go low enough: it is filtered by input buffer hysteresis. The device
remains in the current state.
2.
PORST goes low enough, but not for long enough: it is filtered by a low pass filter. The
device remains in the current state.
3.
The PORST generates a reset:
a)
PORST low but initially filtered during at least WFRST. Device remains initially in
current state.
b)
PORST potentially filtered until WNFRST. Device state is unknown. It may either be
reset or remains in current state depending on extra condition (PVT — process,
voltage, temperature).
c)
PORST asserted for longer than WNFRST. The device is under hardware reset.
VIL
VDD
device reset forced by RESET
VDDMIN
RESET
VIH
device start-up phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com