Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574S60E3 Datasheet(PDF) 22 Page - STMicroelectronics

Part # SPC574S60E3
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S60E3 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button SPC574S60E3 Datasheet HTML 18Page - STMicroelectronics SPC574S60E3 Datasheet HTML 19Page - STMicroelectronics SPC574S60E3 Datasheet HTML 20Page - STMicroelectronics SPC574S60E3 Datasheet HTML 21Page - STMicroelectronics SPC574S60E3 Datasheet HTML 22Page - STMicroelectronics SPC574S60E3 Datasheet HTML 23Page - STMicroelectronics SPC574S60E3 Datasheet HTML 24Page - STMicroelectronics SPC574S60E3 Datasheet HTML 25Page - STMicroelectronics SPC574S60E3 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 77 page
background image
Electrical characteristics
SPC574Sx
22/77
DS10601 Rev 6
VDD_HV_ADC_TSENS_L0 SR D
SAR ADC rail
#0 supply
voltage (with
NOMINAL
supply =
3.3 V)
LVD290_ADL0
enabled
2.99
—
3.6
V
SAR ADC rail
#0 supply
voltage (with
NOMINAL
supply = 5 V)
LVD400_ADL0
enabled
4.305
—
5.5
V
VDD_HV_ADC_TSENS_L1 SR D
SAR ADC rail
#1 supply
voltage (with
NOMINAL
supply =
3.3 V)
LVD290_ADL1
enabled
2.99
—
3.6
V
SAR ADC rail
#1 supply
voltage (with
NOMINAL
supply = 5 V)
LVD400_ADL1
enabled
4.305
—
5.5
V
VREFH_ADC
SR
P SAR ADC
reference
voltage
—
3.0
—
5.5
V
C
—
2.0
—
3.0
VREFH_ADC -
VDD_HV_ADC_TSENS
SR D
SAR ADC
reference
differential
voltage
——
—
25
mV
VRAMP
SR D
Slew rate on
power supply
pins
——
—
0.5
V/us
VIN
SR C
I/O input
voltage
range
—0
—
5.5
V
Injection current
IIC
SR T
DC injection
current (per
pin)(9),(10),(11)
Digital pins and analog
pins
-3
—
3
mA
1. The ranges in this table are design targets and actual data may vary in the given range.
2. Maximum operating frequency is applicable to the computational cores and platform for the device. See the Clocking
chapter in the SPC574Sx Microcontroller Reference Manual for more information on the clock limitations for the various IP
blocks on the device.
3. This value depends on the thermal resistance RθJA and power consumption for the device.
4. Depending on the thermal features of the package and PCB.
5. Applicable in external regulator mode.
Table 8. Device operating conditions(1) (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com