Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574S60E3 Datasheet(PDF) 29 Page - STMicroelectronics

Part # SPC574S60E3
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S60E3 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button SPC574S60E3 Datasheet HTML 25Page - STMicroelectronics SPC574S60E3 Datasheet HTML 26Page - STMicroelectronics SPC574S60E3 Datasheet HTML 27Page - STMicroelectronics SPC574S60E3 Datasheet HTML 28Page - STMicroelectronics SPC574S60E3 Datasheet HTML 29Page - STMicroelectronics SPC574S60E3 Datasheet HTML 30Page - STMicroelectronics SPC574S60E3 Datasheet HTML 31Page - STMicroelectronics SPC574S60E3 Datasheet HTML 32Page - STMicroelectronics SPC574S60E3 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
DS10601 Rev 6
29/77
SPC574Sx
Electrical characteristics
76
3.9.3
I/O output DC characteristics
Table 14: Slow configuration I/O output DC characteristics provides DC characteristics for
bidirectional pads in the following configurations:
•
Slow
•
Medium
•
Fast
•
Very Fast
Table 13. I/O pull-up/pull-down DC electrical characteristics
Symbol C
Parameter
Conditions
Value
Uni
t
Min
Typ
Max
|IWP
U|
CC P
Weak pull-up current absolute
value(1)
1. Weak pull-up is enabled within tWK_PU = 1 µs after internal/external reset has been asserted. Output
voltage will depend on the amount of capacitance connected to the pin.
VIN =0.69 × VDD_HV_IO
4.5 V < VDD_HV_IO <5.5 V
23
—
—
µA
VIN =0.49 × VDD_HV_IO
4.5 V < VDD_HV_IO <5.5 V
——
82
VIN >VIL = 1.1 V (TTL)
4.5 V < VDD_HV_IO <5.5 V
—
—
130
CC T
VIN =0.75 × VDD_HV_IO
3.0 V < VDD_HV_IO <3.6 V
10
—
—
VIN =0.35 × VDD_HV_IO
3.0 V < VDD_HV_IO <3.6 V
——
70
VIN >VIL = 1.1 V (TTL)
3.0 V < VDD_HV_IO <3.6 V
——
75
|IWP
D|
CC P
Weak pull-down current
absolute value
VIN =0.69 × VDD_HV_IO
4.5 V < VDD_HV_IO <5.5 V
—
—
130
µA
VIN =0.49 × VDD_HV_IO
4.5 V < VDD_HV_IO <5.5 V
40
—
—
VIN >VIL = 0.9 V (TTL)
4.5 V < VDD_HV_IO <5.5 V
16
—
—
CC T
VIN =0.75 × VDD_HV_IO
3.0 V < VDD_HV_IO <3.6 V
——
92
VIN =0.35 × VDD_HV_IO
3.0 V < VDD_HV_IO <3.6 V
19
—
—
VIN >VIL = 0.9 V (TTL)
3.0 V < VDD_HV_IO <3.6 V
16
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com