Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3916 Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 61Page - STMicroelectronics ST25R3916 Datasheet HTML 62Page - STMicroelectronics ST25R3916 Datasheet HTML 63Page - STMicroelectronics ST25R3916 Datasheet HTML 64Page - STMicroelectronics ST25R3916 Datasheet HTML 65Page - STMicroelectronics ST25R3916 Datasheet HTML 66Page - STMicroelectronics ST25R3916 Datasheet HTML 67Page - STMicroelectronics ST25R3916 Datasheet HTML 68Page - STMicroelectronics ST25R3916 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 157 page
background image
DS12484 Rev 4
65/157
ST25R3916/7
Application information
156
4.4.12
Clear RSSI
The receiver automatically clears the RSSI bits in the RSSI display register and starts a new
measurement of the RSSI when a new reception is started (e.g. after a Transmit direct
command). Since the RSSI bits store the peak value (peak-hold type) eventual variation of
the receiver input signal will not be followed (this may happen in case of a long message or
test procedure).
The direct command Clear RSSI clears the RSSI bits in the RSSI display register, and
restarts the RSSI measurement. This allows to obtain multiple RSSI measurements during a
single reception.
4.4.13
Transparent mode
This command sets the receiver and transmitter into the transparent mode. The device
enters the transparent mode on the rising edge of the BSS signal of the SPI frame used to
send the direct command. The transparent mode is maintained as long as signal BSS is
kept high, that is, the following SPI command sent from the microcontroller will automatically
stop the transparent mode.
4.4.14
Calibrate capacitive sensor
This command calibrates the capacitive sensor.
It is strongly recommended to use this command in power-down mode only to avoid
interference with the crystal oscillator or reader magnetic field. Interrupt I_dct is only
generated in Ready mode. The measurement status is indicated by status bits in the
Capacitive sensor display register.
Duration time: 3 ms max.
This command is executed only if the capacitive sensor automatic calibration mode is set
(all bits cs_mcal in the Capacitive sensor control register are set to 0).
4.4.15
Measure capacitance
This command performs the capacitance measurement.
It is strongly recommended to use this command in power-down mode only to avoid
interference with the crystal oscillator or reader magnetic field.
Duration time: 250 μs max.
4.4.16
Measure power supply
This command measures the power supply. The bits mpsv<2:0> in the Regulator voltage
control register select which signal is measured. The result of the measurement is stored in
the A/D converter output register.
For power supply measurements the selected supply input voltage is divided by three and
measured with the A/D converter in absolute mode. This leads to a resolution of 23.4 mV
per LSB for all power supply measurements.
Duration time: 25 μs max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com