Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3916 Datasheet(PDF) 95 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 91Page - STMicroelectronics ST25R3916 Datasheet HTML 92Page - STMicroelectronics ST25R3916 Datasheet HTML 93Page - STMicroelectronics ST25R3916 Datasheet HTML 94Page - STMicroelectronics ST25R3916 Datasheet HTML 95Page - STMicroelectronics ST25R3916 Datasheet HTML 96Page - STMicroelectronics ST25R3916 Datasheet HTML 97Page - STMicroelectronics ST25R3916 Datasheet HTML 98Page - STMicroelectronics ST25R3916 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 157 page
background image
DS12484 Rev 4
95/157
ST25R3916/7
Application information
156
4.5.28
Squelch timer register
Register space: B
Address: 0Fh
Type: RW
4.5.29
NFC field on guard timer register
Register space: B
Address: 15h
Type: RW
Table 56. Squelch timer register
Bit
Name
Default
Function
Comments
7sqt7
0
Squelch Timer
Step, Range: same as Mask
receive timer register, including
mrt_step selection
Squelch is enabled ~20 μs after the end of
reader data transmission
– sqt<7:0> > 5:
Squelch stops after the time defined by
sqt<7:0>. Gain reduction due to squelch is
locked and used as a starting point for AGC.
–Sqt<7:0> ≤ 5 or sqt<7:0> ≥ mrt<7:0>:
Squelch is enabled until the MRT expires.
6sqt6
0
5sqt5
0
4sqt4
0
3sqt3
0
2sqt2
0
1sqt1
0
0sqt0
0
Table 57. NFC field on guard timer register
Bit
Name
Default
Function
Comments
7nfc_gt7
0
NFC field on guard timer
Step: 2048 / fc (151 μs)
Range: 38.66 ms
Used by NFC field on commands.
The value nfc_gt<7:0> is added to the initial
75 μs in TIRFG and TARFG.
Set to 33 for TIRFG (75 μs + 4.984 ms= 5.06 ms)
Set to 0 for TARFG (75 μs + 0 ms = 75 μs)
6nfc_gt6
0
5nfc_gt5
1
4nfc_gt4
1
3nfc_gt3
0
2nfc_gt2
0
1nfc_gt1
1
0nfc_gt0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com