Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3916 Datasheet(PDF) 82 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 78Page - STMicroelectronics ST25R3916 Datasheet HTML 79Page - STMicroelectronics ST25R3916 Datasheet HTML 80Page - STMicroelectronics ST25R3916 Datasheet HTML 81Page - STMicroelectronics ST25R3916 Datasheet HTML 82Page - STMicroelectronics ST25R3916 Datasheet HTML 83Page - STMicroelectronics ST25R3916 Datasheet HTML 84Page - STMicroelectronics ST25R3916 Datasheet HTML 85Page - STMicroelectronics ST25R3916 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 157 page
background image
Application information
ST25R3916/7
82/157
DS12484 Rev 4
4.5.12
EMD suppression configuration register
Register space: B
Address: 05h
Type: RW
Table 38. EMD suppression configuration register
Bit
Name
Default
Function
Comments
7
emd_emv
0
0: Disable EMD suppression
1: Enable EMD suppression
according to EMVCo
Bits no_rx_par and no_crc_rx must be set to 0,
and bit nrt_emv must be set to 1 when
emd_emv is enabled
6
rx_start_emv
0
0: Reception is enabled (I_rxs)
only if the first 4 bits of the frame
are error free
1: Reception is enabled (I_rxs)
also if there is an error in the first
four bits of the frame
Applies to ISO-A 106k only.
Must be set to 1 for EMVCo compliance.
5RFU
0
-
-
4RFU
0
-
-
3
emd_thld3
0
If the received frame is less than
emd_thld<3:0> bytes long then
EMD suppression will trigger on
reception errors
Must be set to 4 for EMVCo compliance.
2
emd_thld2
0
1
emd_thld1
0
0
emd_thld0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com