Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3916 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 8Page - STMicroelectronics ST25R3916 Datasheet HTML 9Page - STMicroelectronics ST25R3916 Datasheet HTML 10Page - STMicroelectronics ST25R3916 Datasheet HTML 11Page - STMicroelectronics ST25R3916 Datasheet HTML 12Page - STMicroelectronics ST25R3916 Datasheet HTML 13Page - STMicroelectronics ST25R3916 Datasheet HTML 14Page - STMicroelectronics ST25R3916 Datasheet HTML 15Page - STMicroelectronics ST25R3916 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 157 page
background image
Description
ST25R3916/7
12/157
DS12484 Rev 4
2
Description
The ST25R3916/7 are high performance NFC universal devices supporting NFC initiator,
NFC target, NFC reader and NFC card emulation modes when applicable.
Being fully compliant with EMVCo 3.0 analog and digital, this NFC IC is optimized for POS
terminal applications, and enables the fastest EMVCo 3.0 certification cycles possible, even
under harsh conditions, with antenna around noisy LCD displays.
The ST25R3916 includes an advanced analog front end (AFE) and a highly integrated data
framing system for ISO 18092 passive and active initiator, ISO 18092 passive and active
target, NFC-A/B (ISO 14443A/B) reader including higher bit rates, NFC-F (FeliCa™) reader,
NFC-V (ISO 15693) reader up to 53 kbps, and NFC-A / NFC-F card emulation. The
ST25R3917 offers a reduced feature set.
Special stream and transparent modes of the AFE and framing system can be used to
implement other custom protocols in reader or card emulation mode.
The ST25R3916/7 feature high RF output power to directly drive antennas at high efficiency.
The ST25R3916/7 include additional features, making them incomparable for low power
applications. They contain a low power capacitive sensor to detect the presence of a card
without switching on the reader field. Additionally, the presence of a card can be detected by
performing a measurement of the amplitude or phase of the antenna signal. They also
contain a low power RC oscillator and wake-up timer to automatically wake-up the
ST25R3916/7 after a selected time period and check for a presence of a tag using one or
more techniques of low power detection of card presence (capacitive, phase or amplitude).
The ST25R3916/7 are designed to operate from a wide power supply range (2.6 to 5.5 V
from -40 °C to +105 °C, 2.4 to 5.5 V from -20 °C to +105 °C), and a wide peripheral IO
voltage range (from 1.65 to 5.5 V).
Due to this combination of high RF output power, low power modes and wide supply range
these devices are perfectly suited for infrastructure NFC applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com