Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3655 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3655
Description  Charge Control and Protection IC for embedded single
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3655 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM3655 Datasheet HTML 4Page - National Semiconductor (TI) LM3655 Datasheet HTML 5Page - National Semiconductor (TI) LM3655 Datasheet HTML 6Page - National Semiconductor (TI) LM3655 Datasheet HTML 7Page - National Semiconductor (TI) LM3655 Datasheet HTML 8Page - National Semiconductor (TI) LM3655 Datasheet HTML 9Page - National Semiconductor (TI) LM3655 Datasheet HTML 10Page - National Semiconductor (TI) LM3655 Datasheet HTML 11Page - National Semiconductor (TI) LM3655 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
11.0 Charge Control Functions (Continued)
Specification
Test Conditions
Min
Typ
Max
Units
Debounce Connection Delay “
τ
DEBOUNCE_ON”IDETECT stepped from 0 mA to 1 mA
22
32
64
ms
Debounce Connection Delay “
τ
DEBOUNCE_OFF”IDETECT stepped from 1 mA to 0 mA
22
32
64
ms
11.2.3 Power Supply Test Pulses
The purpose of the test pulse operation is for the IC to periodically test the charging power supply’s full-rate current capability. This
operation only occurs when the cell voltage is above V
PHONE_ON. The test pulse has a period of
τ
TEST_PERIOD and pulse width
of
τ
TEST_WIDTH. During test pulses the IC will fully turn on the M5 pass devices and attempts to draw ICHRG_MAX current from the
charging power supply. The charging power supply will respond by delivering the full-rate current up to I
CHRG-MAX to the load (Q1
will be forced into saturation). During the test pulse, the IC constantly monitors the cell voltage with its internal voltage regulation
control circuit and the charge current with its current regulation control circuit. The power dissipation of Q1 is not controlled during
the test pulse. The IC determines which charge rate to apply at the end of each test pulse.
The interaction between the three control circuits is such that the voltage regulation is the most dominant so the cell voltage will
not exceed V
TERMX.(VTERMX being either VTERMH or VTERML, depending on the logic level applied to the CHEMISTRY pin). When
the test pulse is high, one of the following can occur:
1. V
PHONE_ON < VCELL < VTERMX and Charge Current < ICHRG_MAX:
The charging power supply will continue to deliver full-rate current during and after the test pulse. Q1 remains in saturation and
all M5 sense resistor switches remain on.
2. V
PHONE_ON < VCELL < VTERMX and Charge Power Supply wants to deliver more than ICHRG_MAX (e.g. Failed Vehicular Power
Adaptor and phone is connected directly to car battery):
The internal current regulation control of the LM3655 IC will try to maintain the charge current at I
CHRG_MAX by forcing the external
Q1 and Q2 transistors into linear operation. This may exceed Q1 power dissipation limit. After the test pulse, the IC internal power
regulation control senses the voltage across Q1 V
CE above Q1UNSAT and determines the appropriate M5 sense resistor array
switches to turn on. The effective resistance will determine the amount of charge current allow such that Q1 power dissipation is
within limit of P
PASS_MAX.
If Q1
UNSAT is exceeded at the end of a test pulse, CHRG_STATE will not go high as the Top-off signal is only created when VCELL
reaches V
TERMX. Unless a non-supported power supply is used, because of burp mode, it is expected that the system will mend
itself and go back into full-rate when the next test pulse comes along.
3. V
CELL reaches VTERMX (desired maximum cell clamp level):
The IC internal voltage regulation control will dominate the charger control logic, and control the charge current to maintain V
CELL
at V
TERMX. To accomplish this, the voltage regulation control forces Q1 and Q2 from saturation back in linear mode to reduce the
charge current to a level that will maintain V
CELL at VTERMX. After the test pulse, Q1 VCE above Q1UNSAT indicates the charge
current to be reduced to trickle current. Q1 may or may not be in power-limit regulation.
In order to prevent a transient situation when transitioning from trickle to full-rate between test pulses, the voltage regulation
control will reset to zero for
τ
TEST_DELAY and the current regulation control will then be forced to turn off Q1 and Q2. This in effect
will set the charge current to zero. After
τ
TEST_DELAY the voltage regulator will be allowed to ramp back up and the charge current
will also ramp from zero to full-rate current. Figure 3 illustrates the charge profile.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com