Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3655 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3655
Description  Charge Control and Protection IC for embedded single
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3655 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM3655 Datasheet HTML 7Page - National Semiconductor (TI) LM3655 Datasheet HTML 8Page - National Semiconductor (TI) LM3655 Datasheet HTML 9Page - National Semiconductor (TI) LM3655 Datasheet HTML 10Page - National Semiconductor (TI) LM3655 Datasheet HTML 11Page - National Semiconductor (TI) LM3655 Datasheet HTML 12Page - National Semiconductor (TI) LM3655 Datasheet HTML 13Page - National Semiconductor (TI) LM3655 Datasheet HTML 14Page - National Semiconductor (TI) LM3655 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11.0 Charge Control Functions (Continued)
Unless otherwise noted, the following specifications apply over the Normal Temperature Range.
Specification
Test Conditions
Min
Typ
Max
Units
“V
TERMX =VTERMH” −20˚C to +70˚C
Chemistry Pin HIGH
3.90
4.25
V
Q1 Unsaturated Threshold “Q
1UNSAT”
@ 25˚C
550
-
795
mW
Over Normal Temperature Range
550
-
795
mW
“V
PHONE_ON” at CELL Pin
Cell voltage at which phone is operational
2.88
3.00
3.12
V
Maximum Full Rate Current “I
CHRG-MAX”
@ 25˚C
1.0
1.2
1.4
A
Over Normal Temperature Range
1.0
1.2
1.4
A
Maximum Power Dissipation of Pass
Transistor
For R
4A +R4B =2k
Ω
“P
PASS_MAX”VPS –VCELL =5Vto22V
@ 25˚C
530
650
800
mW
@ −20˚C
530
650
880
mW
@ +70˚C
475
650
800
mW
11.2.6 Trickle/Top-Off Mode
After the full-rate charge is completed and the cell is charged to V
TERMX, the current will be reduced to the trickle charge current.
The pass transistor Q1 will no longer be in saturation and will now operate in linear mode. The maximum trickle current is
I
TRICKLE_MAX unless the power dissipation of Q1 exceeds PPASS_MAX. If the power dissipation of Q1 exceeds PPASS_MAX, the
trickle current will be further reduced until the power dissipation of Q1 is less than or equal to P
PASS_MAX.
During the transition from full-rate to trickle charge, the voltage of the cell will relax (IR drop due to cell internal impedance), but
the cell will again eventually be charged up again to V
TERMX. While the LM3655 allows the trickle current continue to flow to the
cell, it will constantly monitor the cell voltage not to exceed V
TERMX. The IC will maintain the cell voltage at VTERMX by gradually
reducing the trickle current, and eventually no charge current will flow into the cell.
The charge rate between V
SUV and VCHARGE_LOW is limited to the lowest setting of the Trickle charge range (ITRICKLEMIN). Once
V
CHARGE_LOW is reached, the trickle charger will remain charging but can use the full range of trickle charge, from ITRICKLEMIN to
I
TRICKLEMAX.
11.2.7 Peak Detector Function
The LM3655 device uses two independent peak detector circuits. One is used for filtering the ripple from the input power supply,
and the other for minimizing the IR drop of the cell voltage during transmit pulses (if the phone is operated while connected to a
charger). The peak detector circuits allow the device to be less sensitive to the ripple-induced noise that could unintentionally
trigger the internal circuit thresholds of the IC.
The peak detector circuit for smoothing the power supply ripple has its input connected across to the emitter of Q1 to CELL for
monitoring Q1 V
CE voltage and voltage across M5. The filtered voltage from the peak detector is used by the circuit that regulates
the power of the external PNP pass transistor Q1. The power limiting circuit determines the maximum charge current such that
the maximum power dissipation of Q1 [(Q1 V
CE +Ma5)* Ic] is lways at PPASS_MAX.
The peak detector for the cell voltage is used to smooth the sensed values for cell voltage drop during the transmit pulses. The
peak detector is in essence a digital filter with transient response characteristics as outlined below. Two parameters are
associated with the peak detector, decay rate and attack rate. Figure 4 a) and b) below show the decay and attack rates of the
power supply ripples and for the transmit pulses on the cell (output) voltage respectively. The typical input voltage filter decay and
attack rates are respectively 5.0 ms and 15.6 µs. The typical output voltage filter decay and attack rates are respectively 4 mV/ms
and 1.4V/ms.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com