Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3655 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3655
Description  Charge Control and Protection IC for embedded single
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3655 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3655 Datasheet HTML 1Page - National Semiconductor (TI) LM3655 Datasheet HTML 2Page - National Semiconductor (TI) LM3655 Datasheet HTML 3Page - National Semiconductor (TI) LM3655 Datasheet HTML 4Page - National Semiconductor (TI) LM3655 Datasheet HTML 5Page - National Semiconductor (TI) LM3655 Datasheet HTML 6Page - National Semiconductor (TI) LM3655 Datasheet HTML 7Page - National Semiconductor (TI) LM3655 Datasheet HTML 8Page - National Semiconductor (TI) LM3655 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM3655
Charge Control and Protection IC for embedded single
cell Li-Ion/Polymer batteries
1.0 General Description
The LM3655 provides complete charge control, discharge
control and battery safety of a single Lithium-Ion cell. It
supports battery charging by using a variety of power supply
types including unregulated current-limited wall adapters,
regulated wall adapters and vehicle power adapters. Charge
current control is achieved using an external bipolar PNP
power transistor.
Furthermore, the LM3655 provides effective and compre-
hensive discharge control functionality. All operating load
current is supplied by the Li-Ion battery and passes through
this IC. This allows the battery power to disconnect due to
overload, short-circuit or low battery conditions. The IC also
offers extensive battery safety protection against over-
voltage and over-current. The internal safety circuit is
backed up by an identical circuit to provide safety redun-
dancy. The LM3655 requires minimal external components
and is packaged in a micro surface mount device for inte-
gration in a single cell battery pack.
2.0 Key Specifications
n
1% precision pin-selectable nominal 4.10V and 4.16V
termination voltages
n
Up to 1.2A full-rate charge current
n
Safety Shunt voltage 4.35V
n
800 mW power regulation of external PNP at 25˚C
allows operation up to 30V (peak-to-peak) and 18V DC
3.0 Features
n
Input over-voltage protection for load and battery pack
n
Input over-current protection for load and battery pack
n
Reverse current protection
n
Reverse charger protection
n
Input short circuit protection that protects the cell from a
short on the charger-connector
n
Output overload current and short circuit protection
n
Complete charge control with pre-charging for depleted
batteries, full-rate and trickle charging.
n
Support for charging with regulated and non-regulated
wall adapters and vehicle power adapters.
n
Power regulation of the external Power PNP
n
Chemistry selection for Li-ion and Li-polymer
n
Complete linear Peak detector function for filtering ripple
on input power supply
n
Digital filtering of the cell voltage transients during
transmit pulses when LM3655 is used in a battery pack
for cell phones.
n
25-pin, 2.5 mm x 2.5 mm microSMD package for
mounting on four layered PCB inside the battery pack.
4.0 Applications
n
Cell phones and other portable applications which use
embedded Li-ion batteries
5.0 Typical Application Circuit
20111501
Because the LM3655 and associated external components provide safety protection for both the Li-Ion cell and the phone circuitry, appropriate precautions
must be taken in system design and layout to ensure proper operation.
November 2004
© 2004 National Semiconductor Corporation
DS201115
www.national.com


Similar Part No. - LM3655

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM365 NSC-LM365 Datasheet
117Kb / 2P
MOS sense amplifiers (MOS to TTL converters)
LM3658 NSC-LM3658 Datasheet
663Kb / 13P
Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
logo
Texas Instruments
LM3658 TI1-LM3658 Datasheet
871Kb / 21P
Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
LM3658 TI2-LM3658 Datasheet
501Kb / 22P
LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
REVISED MARCH 2007
logo
National Semiconductor ...
LM3658SD NSC-LM3658SD Datasheet
663Kb / 13P
Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
More results

Similar Description - LM3655

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4210EKN ROHM-BD4210EKN Datasheet
382Kb / 6P
Strobe Charge Control IC
BD4211FV ROHM-BD4211FV Datasheet
271Kb / 6P
Strobe Charge Control IC
logo
Mitsubishi Electric Sem...
M62253AGP MITSUBISHI-M62253AGP Datasheet
200Kb / 10P
Charge Control IC for Li-Ion Batteries
logo
Renesas Technology Corp
M62253AGP RENESAS-M62253AGP Datasheet
4Mb / 11P
Charge Control IC for Li-Ion Batteries
M62253BGP RENESAS-M62253BGP Datasheet
257Kb / 13P
Charge Control IC for Li-Ion Batteries
logo
Seiko Instruments Inc
S-82B1A SII-S-82B1A Datasheet
2Mb / 35P
BATTERY PROTECTION IC WITH CHARGE-DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
logo
ABLIC Inc.
S-82B1A ABLIC-S-82B1A Datasheet
777Kb / 35P
BATTERY PROTECTION IC WITH CHARGE-DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.1.2_01
S-82F1A ABLIC-S-82F1A Datasheet
603Kb / 38P
BATTERY PROTECTION IC WITH CHARGE-DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.1.1_00
S-82K1A ABLIC-S-82K1A Datasheet
553Kb / 32P
BATTERY PROTECTION IC WITH CHARGE-DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.1.0_00
logo
Mitsumi Electronics, Co...
MM3855 MITSUMI-MM3855 Datasheet
248Kb / 2P
Thermal protection and control terminal for charge and discharge off mode protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com