Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3655 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3655
Description  Charge Control and Protection IC for embedded single
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3655 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM3655 Datasheet HTML 13Page - National Semiconductor (TI) LM3655 Datasheet HTML 14Page - National Semiconductor (TI) LM3655 Datasheet HTML 15Page - National Semiconductor (TI) LM3655 Datasheet HTML 16Page - National Semiconductor (TI) LM3655 Datasheet HTML 17Page - National Semiconductor (TI) LM3655 Datasheet HTML 18Page - National Semiconductor (TI) LM3655 Datasheet HTML 19Page - National Semiconductor (TI) LM3655 Datasheet HTML 20Page - National Semiconductor (TI) LM3655 Datasheet HTML 21Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
14.0 Required External Components
20111510
14.1 CHARGE PASS TRANSISTOR (Q1)
Q1 is a PNP device capable of sustaining a minimum of 0.8W continuous power dissipation. ON Semiconductor MMJT9435 or
equivalent is to be used.
14.2 DRIVER TRANSISTOR AND BIAS RESISTORS (R2, R3 AND R5)
The NPN transistor is a MMBT3904LT1 type (or equivalent) with a BV
CEO > 40V. The base resistor (R2) is 1K. The emitter and
collector resistors (R3 and R5) are 75
Ω each. The power rating on R3 and R5 is to be at least 100 mW.
14.3 EXTERNAL CHARGER SENSE RESISTOR (R4)
Value = 2K total for R4A+ R4B. Two series resistors are used for higher reliability. Having two resistors in series significantly
reduces the probability of the entire 2K of resistance being shorted. The power rating of R4A and R4B needs to be at least
100 mW each.
14.4 CAPACITORS
The capacitor C1 is to be a 0.1 uF, which is used for both RF bypass and ESD protection reasons. The capacitors C2 and C3 are
0.1 uF capacitors, which are used in the application to keep M4 from momentarily opening when the ground plane of the phone
takes an ESD discharge. These capacitors C2 and C3 should be adjacent to the pins on the IC. C4 on Radio B+ is 10uF.
14.5 FUSE (F1)
Parameter
Min
Typ
Max
Units
Operating Temperature
−55
25
90
˚C
Insulation Resistance (After Opening)
10000
-
-
Ω
Opening Time at 25˚C
100% of Ampere Rating
200% of Ampere Rating
300% of Ampere Rating
4
5
0.2
-
-
-
-
-
-
Hour
Sec.
Sec.
Ampere Rating
2.0
A
Nominal Resistance Cold
a
0.036
Ω
Melting I
2t
0.104
A
2Sec.
Volting Rating
32
V
Interrupting Rating @ 32V AC/DC
35
A
15.0 Electrical Characteristics
15.1 GENERAL SPECIFICATION AND ABSOLUTE MAXIMUM RATINGS (Note 1)
Symbol
Parameter
Min
Typ
Max
Units
Pin Voltage Ratings
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com