Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151VBH6ADTR Datasheet(PDF) 127 Page - STMicroelectronics

Part # STM32L151VBH6ADTR
Description  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VBH6ADTR Datasheet(HTML) 127 Page - STMicroelectronics

Back Button STM32L151VBH6ADTR Datasheet HTML 121Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 122Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 123Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 124Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 125Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 126Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 127Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 128Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 129Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 127 / 129 page
background image
DocID024330 Rev 4
127/129
STM32L151x6/8/B-A STM32L152x6/8/B-A
Revision history
128
9
Revision history
Table 74. Document revision history
Date
Revision
Changes
04-Feb-2014
1
Initial release.
12-Mar-2014
2
Updated Section 3.5: Low-power real-time clock and backup
registers, Section 6.1.2: Typical values and Section 6.3.4: Supply
current characteristics.
Updated General PCB design guidelines.
Updated Table 5: Working mode-dependent functionalities (from
Run/active down to standby), Table 14: General operating
conditions, Table 21: Current consumption in Low-power run mode,
Table 22: Current consumption in Low-power sleep mode, Table 23:
Typical and maximum current consumptions in Stop mode,
Table 24: Typical and maximum current consumptions in Standby
mode, Table 25: Peripheral current consumption, Table 42: I/O
current injection susceptibility, Table 66: I/O static characteristics
and Table 46: NRST pin characteristics.
Updated Figure 14: Current consumption measurement scheme.
04-Feb-2015
3
Updated DMIPS features in cover page and Section 2: Description.
Updated max temperature at 105°C instead of 85°C in the whole
datasheet.
Updated current consumption in Table 20: Current consumption in
Sleep mode.
Updated Table 25: Peripheral current consumption with new
measured values.
Updated Table 57: Maximum source impedance RAIN max adding
note 2.
Updated Section 7: Package information with new package device
marking.
Updated Figure 9: Memory map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com