Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151VBH6ADTR Datasheet(PDF) 128 Page - STMicroelectronics

Part # STM32L151VBH6ADTR
Description  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VBH6ADTR Datasheet(HTML) 128 Page - STMicroelectronics

Back Button STM32L151VBH6ADTR Datasheet HTML 121Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 122Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 123Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 124Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 125Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 126Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 127Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 128Page - STMicroelectronics STM32L151VBH6ADTR Datasheet HTML 129Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 128 / 129 page
background image
Revision history
STM32L151x6/8/B-A STM32L152x6/8/B-A
128/129
DocID024330 Rev 4
25-Apr-2016
4
Updated Section 7: Package information structure: Paragraph titles
and paragraph heading level.
Updated Section 7: Package information for all package device
markings, adding text for device orientation versus pin 1/ ball A1
identifier.
Updated Figure 32: LQFP100 14 x 14 mm, 100-pin package top
view example removing gate mark.
Updated Table 65: LQFP64 10 x 10 mm, 64-pin low-profile quad flat
package mechanical data.
Updated Section 7.5: UFBGA100 7 x 7 mm, 0.5 mm pitch, ultra thin
fine-pitch ball grid array package information adding Table 69:
UFBGA100 7 x 7 mm, 0.5 mm pitch, recommended PCB design
rules and Figure 43: UFBGA100 7 x 7 mm, 0.5 mm pitch, ultra thin
fine-pitch ball grid array package recommended footprint.
Updated Section 7.6: TFBGA64 5 x 5 mm, 0.5 mm pitch, thin fine-
pitch ball grid array package information adding Table 71: TFBGA64
5 x 5 mm, 0.5 mm pitch, recommended PCB design rules and
changing Figure 46: TFBGA64, 5 x 5 mm, 0.5 mm pitch, thin fine-
pitch ball grid array package recommended footprint.
Updated Table 17: Embedded internal reference voltage
temperature coefficient at 100ppm/°C and table note 3: “guaranteed
by design” changed by “guaranteed by characterization results”.
Updated Table 62: Comparator 2 characteristics new maximum
threshold voltage temperature coefficient at 100ppm/°C.
Updated Table 40: ESD absolute maximum ratings CDM class.
Updated all the notes, removing ‘not tested in production’.
Updated Table 11: Voltage characteristics adding note about VREF-
pin.
Updated Table 3: Functionalities depending on the operating power
supply range LSI and LSE functionalities putting “Y” in Standby
mode.
Removed note 1 below Figure 2: Clock tree.
Updated Table 58: DAC characteristics resistive load.
Table 74. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com