Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IGT Datasheet(PDF) 99 Page - STMicroelectronics

Part # STM32H7A3IGT
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IGT Datasheet(HTML) 99 Page - STMicroelectronics

Back Button STM32H7A3IGT Datasheet HTML 95Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 96Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 97Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 98Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 99Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 100Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 101Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 102Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 237 page
background image
3. These values are given for PDR ON. When the PDR is OFF (internal reset OFF), the typical current consumption is reduced
(refer to Section 6.3.5 Embedded reset and power control block characteristics).
Table 43. Typical and maximum current consumption in VBAT mode
Symbol
Parameter
Conditions
Typ
Max (3.6V)(1)
Unit
Backup
SRAM
RTC &
LSE(2)
1.2 V 2 V
3 V 3.3 V
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ=
130 °C
IDD (VBAT)
Supply current in
VBAT mode
OFF
OFF
0.01 0.02 0.03 0.07
0.2
1.9
4.6
14
µA
ON
OFF
0.85 0.93 1.05 1.14
1.5
3.6
7.5
20.0
OFF
ON
0.50 0.63 0.74 0.84
1.2
3.1
5.9
16
ON
ON
1.34 1.54 1.76 1.91
2.5
4.8
8.8
22.0
1. Guaranteed by characterization results.
2. The LSE clock is in low-drive mode.
I/O system current consumption
I/O static current consumption
All the I/Os used as inputs with pull-up generate a current consumption when the pin is externally held low. The
value of this current consumption can be simply computed by using the pull-up/pull-down resistors values given in
Table 65. I/O static characteristics.
For the output pins, any external pull-down or external load must also be considered to estimate the current
consumption.
An additional I/O current consumption is due to I/Os configured as inputs if an intermediate voltage level is
externally applied. This current consumption is caused by the input Schmitt trigger circuits used to discriminate
the input value. Unless this specific configuration is required by the application, this supply current consumption
can be avoided by configuring these I/Os in analog mode. This is notably the case of ADC input pins which should
be configured as analog inputs.
Caution:
Any floating input pin can also settle to an intermediate voltage level or switch inadvertently, as a result of
external electromagnetic noise. To avoid a current consumption related to floating pins, they must either be
configured in analog mode, or forced internally to a definite digital value. This can be done either by using
pull-up/down resistors or by configuring the pins in output mode.
I/O dynamic current consumption
In addition to the internal peripheral current consumption (see Table 44. Peripheral current consumption in Run
mode), the I/Os used by an application also contribute to the current consumption. When an I/O pin switches,
it uses the current from the MCU supply voltage to supply the I/O pin circuitry and to charge/discharge the
capacitive load (internal or external) connected to the pin:
ISW=VDDx×fsw×CL
where
ISW is the current sunk by a switching I/O to charge/discharge the capacitive load
VDDx is the MCU supply voltage
fSW is the I/O switching frequency
CL is the total capacitance seen by the I/O pin: C = CINT+ CEXT
The test pin is configured in push-pull output mode and is toggled by software at a fixed frequency.
On-chip peripheral current consumption
The MCU is placed under the following conditions:
•
At startup, all I/O pins are in analog input configuration.
•
All peripherals are disabled unless otherwise mentioned.
•
The I/O compensation cell is enabled.
•
frcc_cpu_ck is the CPU clock. fPCLK = frcc_cpu_ck/4, and fHCLK = frcc_cpu_ck/2.
The given value is calculated by measuring the difference of current consumption
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 99/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com