Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IGT Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM32H7A3IGT
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IGT Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM32H7A3IGT Datasheet HTML 14Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 15Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 16Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 17Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 18Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 19Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 20Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 21Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 237 page
background image
3.9
Bus-interconnect matrix
The devices feature an AXI bus matrix, two AHB bus matrices and bus bridges that allow interconnecting bus masters with bus slaves (see
Figure 3. STM32H7A3xI/G bus matrix).
Figure 3. STM32H7A3xI/G bus matrix
APB1
SDMMC1
MDMA
DMA2D
LTDC
APB4
Cortex-M7
I$
16KB
D$
16KB
APB3
32-bit AHB bus matrix
CD domain
64-bit AXI bus matrix
CD domain
32-bit AHB bus matrix
SRD domain
DTCM
128 Kbytes
ITCM
64 Kbytes
Flash bank 1
Up to 1 M
byte(1)
Flash bank 2
Up to 1 M
byte(1)
FMC
AHB SRAM1
64 Kbytes
AHB1
AHB2
AHB4
SRD SRAM
32 Kbytes
Backup
SRAM
4 Kbytes
AHBS
CPU
AXI to AHB
CD-to-SRD AHB
32-bit bus
64-bit bus
Bus multiplexer
Legend
Master interface
Slave interface
AHB3
AXI
AHB
APB
APB2
TCM
AXI SRAM3
384 Kbytes
AXI SRAM2
384 Kbytes
AXI SRAM1
256 Kbytes
OCTOSPI1
FLIFT
GFX-MMU
DMA2
SDMMC2
DMA1
USBHS1
BDMA1
AHB SRAM2 64
Kbytes
BDMA2
OCTOSPI2
1.
STM32H7A3xI and STM32H7A3xG devices feature two banks of 1 Mbyte and 512 Kbytes each, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com