Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IGT Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM32H7A3IGT
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IGT Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM32H7A3IGT Datasheet HTML 16Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 17Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 18Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 19Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 20Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 21Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 22Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 23Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 237 page
background image
•
Interrupt entry restored on interrupt exit with no instruction overhead
This hardware block provides flexible interrupt management features with minimum interrupt latency.
3.14
Extended interrupt and event controller (EXTI)
The EXTI controller performs interrupt and event management. In addition, it can wake up the processor, power
domains and/or SRD domain from Stop mode.
The EXTI handles up to 89 independent event/interrupt lines split into 28 configurable events and 61 direct
events.
Configurable events have dedicated pending flags, active edge selection, and software trigger capable.
Direct events provide interrupts or events from peripherals having a status flag.
3.15
Cyclic redundancy check calculation unit (CRC)
The CRC (cyclic redundancy check) calculation unit is used to get a CRC code using a programmable polynomial.
Among other applications, CRC-based techniques are used to verify data transmission or storage integrity. In
the scope of the EN/IEC 60335-1 standard, they offer a means of verifying the flash memory integrity. The CRC
calculation unit helps compute a signature of the software during runtime, to be compared with a reference
signature generated at link-time and stored at a given memory location.
3.16
Flexible memory controller (FMC)
The FMC controller main features are the following:
•
Interface with static-memory mapped devices including:
–
Static random access memory (SRAM)
–
NOR flash memory/OneNAND flash memory
–
PSRAM (4 memory banks)
–
NAND flash memory with ECC hardware to check up to 8 Kbytes of data
•
Interface with synchronous DRAM (SDRAM/Mobile LPSDR SDRAM) memories
•
8-,16-,32-bit data bus width
•
Independent Chip Select control for each memory bank
•
Independent configuration for each memory bank
•
Write FIFO
•
Read FIFO for SDRAM controller
•
The maximum FMC_CLK/FMC_SDCLK frequency for synchronous accesses is the FMC kernel clock
divided by 2.
3.17
Octo-SPI memory interface (OCTOSPI)
The OCTOSPI is a specialized communication interface targeting single, dual, quad or octal SPI memories.
The STM32H7A3xI/G embeds two separate Octo-SPI interfaces.
Each OCTOSPI instance supports single/dual/quad/octal SPI formats.
Multiplex of single/dual/quad/octal SPI over the same bus can be achieved using the integrated I/O manager.
The OCTOSPI can operate in any of the three following modes:
•
Indirect mode: all the operations are performed using the OCTOSPI registers
•
Status-polling mode: the external memory status register is periodically read and an interrupt can be
generated in case of flag setting
•
Memory-mapped mode: the external memory is memory mapped and it is seen by the system as if it was an
internal memory supporting both read and write operations.
The OCTOSPI support two frame formats supported by most external serial memories such as serial PSRAMs,
serial NOR flash memories, Hyper RAMs and Hyper flash memories:
•
The classical frame format with the command, address, alternate byte, dummy cycles and data phase
•
The HyperBus™ frame format.
Multichip package (MCP) combining any of the above mentioned memory types can also be supported.
STM32H7A3xI/G
Extended interrupt and event controller (EXTI)
DS13195 - Rev 8
page 20/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com