Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IGT Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32H7A3IGT
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IGT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32H7A3IGT Datasheet HTML 9Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 10Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 11Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 12Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 13Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 14Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 15Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 16Page - STMicroelectronics STM32H7A3IGT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 237 page
background image
The Flash memory is organized as follows:
•
For STM32H7AxI: two independent 1 Mbyte banks of user Flash memory, each one containing 128 user
sectors of 8 Kbytes each.
For STM32H7AxG: two independent 512 Kbyte banks of user Flash memory, each one containing 64 user
sectors of 8 Kbytes each.
•
128 Kbytes of System Flash memory from which the device can boot.
•
1 Kbyte of OTP (one-time programmable) memory containing option bytes for user configuration.
3.3.2
Embedded SRAM
All devices feature:
•
1 Mbyte of AXI-SRAM mapped onto AXI bus matrix in CPU domain (CD) split into:
–
AXI-SRAM1: 256 Kbytes
–
AXI-SRAM2: 384 Kbytes
–
AXI-SRAM3: 384 Kbytes
•
128 Kbytes of AHB-RAM mapped onto AHB bus matrix in CPU domain (CD) split into:
–
AHB-SRAM1: 64 Kbytes
–
AHB-SRAM2: 64 Kbytes
•
32 Kbytes of SRD-SRAM mapped in Smart Run Domain (SRD)
•
4 Kbytes of backup SRAM
The content of this area is protected against possible unwanted write accesses, and is retained in Standby or
VBAT mode.
•
RAM mapped to TCM interface (ITCM and DTCM):
Both ITCM and DTCM RAMs are 0 wait state memories that are accessible from the CPU or the MDMA (even in
Sleep mode) through a specific AHB slave of the CPU(AHBP).
•
64 Kbytes of ITCM-RAM (instruction RAM)
This RAM is connected to ITCM 64-bit interface designed for execution of critical real-times routines by the CPU.
•
128 Kbytes of DTCM-RAM (2x 64 Kbyte DTCM-RAMs on 2x32-bit DTCM ports)
The DTCM-RAM could be used for critical real-time data, such as interrupt service routines or stack/heap
memory. Both DTCM-RAMs can be used in parallel (for load/store operations) thanks to the Cortex®-M7 dual
issue capability.
3.4
Boot modes
At startup, the boot memory space is selected by the BOOT pin and BOOT_ADDx option bytes, allowing to
program any boot memory address from 0x0000 0000 to 0x3FFF FFFF which includes:
•
All flash address space
•
All RAM address space: ITCM, DTCM RAMs and SRAMs
•
The system memory bootloader
The boot loader is located in non-user System memory. It is used to reprogram the flash memory through a serial
interface (USART, I2C, SPI, USB-DFU, FDCAN). Refer to STM32 microcontroller system memory boot mode
application note (AN2606) for details.
3.5
Power supply management
3.5.1
Power supply scheme
•
VDD = 1.62 to 3.6 V: external power supply for I/Os, provided externally through VDD pins.
•
VDDLDO = 1.62 to 3.6 V: supply voltage for the internal regulator supplying VCORE
•
VDDA = 1.62 to 3.6 V: external analog power supplies for ADC, DAC, Reset blocks, RCs and PLL.
•
VDD33USB and VDD50USB:
VDD50USB can be supplied through the USB cable to generate the VDD33USB via the USB internal regulator. This
allows supporting a VDD supply different from 3.3 V.
STM32H7A3xI/G
Boot modes
DS13195 - Rev 8
page 13/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com