Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A7987 Datasheet(PDF) 9 Page - STMicroelectronics

Part # A7987
Description  61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7987 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button A7987 Datasheet HTML 5Page - STMicroelectronics A7987 Datasheet HTML 6Page - STMicroelectronics A7987 Datasheet HTML 7Page - STMicroelectronics A7987 Datasheet HTML 8Page - STMicroelectronics A7987 Datasheet HTML 9Page - STMicroelectronics A7987 Datasheet HTML 10Page - STMicroelectronics A7987 Datasheet HTML 11Page - STMicroelectronics A7987 Datasheet HTML 12Page - STMicroelectronics A7987 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Figure 5. Switching frequency programmability
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
10
20
30
40
50
60
70
80
90
100
RFSW [kOhm]
To improve the line transient performance, keeping the PWM gain constant versus the input voltage, the input
voltage feed-forward is implemented by changing the slope of the sawtooth ramp, according to the input voltage
change (Figure 6. Feed-forward6a).
The slope of the sawtooth also changes if the oscillator frequency is programmed by the external resistor. In this
manner, a frequency feed-forward is implemented (Figure 6. Feed-forward6b) in order to keep the PWM
modulator gain constant versus the switching frequency.
On the SYNCH pin the synchronization signal is generated. This signal has a phase shift of 180 ° with respect to
the clock. This delay is useful when two devices are synchronized connecting the SYNCH pins together. When
SYNCH pins are connected, the device with a higher oscillator frequency works as master, so the slave device
switches at the frequency of the master but with a delay of half period. This helps reducing the RMS current
flowing through the input capacitor. Up to five A7987s can be connected to the same SYNCH pin; however, the
clock phase shift from master switching frequency to slaves input clock is 180 °.
The A7987 can be synchronized to work at a higher frequency, in the range 250 kHz-1500 kHz, providing the
SYNCH pin with an external clock signal. The synchronization changes the sawtooth amplitude, also affecting the
PWM gain (Figure 6. Feed-forward6c). This change must be taken into account when the loop stability is studied.
In order to minimize the change of PWM gain, the free-running frequency should be set (with a resistor on the
FSW pin) only slightly lower than the external clock frequency.
This pre-adjusting of the slave IC switching frequency keeps the truncation of the ramp sawtooth negligible.
In case two or more (up to five) A7987 SYNCH pins are tied together, the A7987 IC with higher programmed
switching frequency is typically the master device; however, the SYNCH circuit is also able to synchronize with a
slightly lower external frequency, so the frequency pre-adjustment with the same resistor on FSW pin, as
suggested above, is required for a proper operation.
A7987
Oscillator and synchronization
DS12928 - Rev 3
page 9/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com