Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A7987 Datasheet(PDF) 4 Page - STMicroelectronics

Part # A7987
Description  61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7987 Datasheet(HTML) 4 Page - STMicroelectronics

  A7987 Datasheet HTML 1Page - STMicroelectronics A7987 Datasheet HTML 2Page - STMicroelectronics A7987 Datasheet HTML 3Page - STMicroelectronics A7987 Datasheet HTML 4Page - STMicroelectronics A7987 Datasheet HTML 5Page - STMicroelectronics A7987 Datasheet HTML 6Page - STMicroelectronics A7987 Datasheet HTML 7Page - STMicroelectronics A7987 Datasheet HTML 8Page - STMicroelectronics A7987 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
3
Pin settings
3.1
Pin connection
Figure 3. Pin connection (top view)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VBIAS
VIN
VIN
VCC
EN
SS
SYNCH
COMP
GND
BOOT
LX
LX
PGOOD
ILIM
FSW
FB
EXPOSED
PAD TO
SGND
3.2
Pin description
Table 1. Pin description
#
Pin
Description
1
VBIAS
The auxiliary input can be used to supply part of the analog circuitry to increase the efficiency at light load. It is
typically connected to the regulated output voltage or to an external voltage rail higher than 3 V. Connect to
GND if it is not used or bypass with a 1 µF ceramic capacitor if supplied by the output voltage or by an auxiliary
rail
2
VIN
DC input voltage
3
VIN
DC input voltage
4
VCC
Filtered DC input voltage to the internal circuitry. Bypass to GND with a 1 µF ceramic capacitor
5
EN
Active high enable pin. Connect to VCC pin if it is not used
6
SS
Soft-start programming pin. An internal current generator (5 µA typ.) charges the external capacitor to
implement the soft-start
7
SYNCH Master / slave synchronization
8
COMP
Output of the error amplifier. The designed compensation network is connected on this pin.
9
FB
Inverting input of the error amplifier
10
FSW
A pull-down resistor to GND selects the switching frequency
11
ILIM
A pull-down resistor to GND selects the peak current limitation
12 PGOOD
The PGOOD open collector output is driven low when the output voltage, sensed on the FB pin, is out of
regulation
13
LX
Switching node
14
LX
Switching node
15
BOOT
Connect an external capacitor (100 nF typ.) between BOOT and LX pins. The gate charge required to drive the
internal n-DMOS is recovered by an internal regulator during the off-time
16
GND
Signal GND
A7987
Pin settings
DS12928 - Rev 3
page 4/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com