Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A7987 Datasheet(PDF) 20 Page - STMicroelectronics

Part # A7987
Description  61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7987 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button A7987 Datasheet HTML 16Page - STMicroelectronics A7987 Datasheet HTML 17Page - STMicroelectronics A7987 Datasheet HTML 18Page - STMicroelectronics A7987 Datasheet HTML 19Page - STMicroelectronics A7987 Datasheet HTML 20Page - STMicroelectronics A7987 Datasheet HTML 21Page - STMicroelectronics A7987 Datasheet HTML 22Page - STMicroelectronics A7987 Datasheet HTML 23Page - STMicroelectronics A7987 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
GCOMPIIIs =− ZF(s)
RU//ZS(s)=−1⋅ 1+ s2π⋅fZ1 ⋅ 1+ s2π⋅fZ2
s2π⋅fP0⋅1+ s2π⋅fP1 ⋅1+ s2π⋅fP2
(24)
In addition to what shown in Eq. (21), two more singularities are proper of this compensation network:
fZ2= 1
2π⋅CS(RU+RS);fP2= 12π⋅CSRS
(25)
The following suggestions can be followed for a quite common compensation strategy, assuming that CP<<CF
and RS<<RU
Starting from Eq. (19), in case of type III compensation network and MLCC ceramic output capacitors, the
control loop gain module at s=2π*FBW allows the RF/RU ratio to be fixed:
GLOOP,III(s=2π⋅fBW) ≅ 1kFF⋅fLCfBW⋅RFRU=1
(26)
After choosing the regulator bandwidth (typically FBW<0.2*FSW ) and a value for RU, usually between 1 kΩ and 50
kΩ, in order to achieve CF and CP not comparable with a parasitic capacitance of the board, the RF required value
is computed by Eq. (26).
Select CF in order to place FZ1 below FLC (typically 0.1*FLC)
Select CP in order to place FP1 at 0.5*FSW
CF= 1
2π⋅RF⋅0.1⋅fLC;CP= 1
2π⋅RF⋅0.5⋅fSW
(27)
Select CS in order to place FZ2 at FLC
Select RS in order to place FP2 at 0.5*FSW
CS= 1
2π⋅RU⋅fLC;RS= 1
2π⋅CS⋅0.5⋅fSW
(28)
The resultant control loop and other transfer functions gain are shown in Figure 14. Type III compensation - Bode
plot
A7987
Compensation network
DS12928 - Rev 3
page 20/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com