Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LARA-R6001-00B Datasheet(PDF) 9 Page - u-blox AG

Part # LARA-R6001-00B
Description  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

LARA-R6001-00B Datasheet(HTML) 9 Page - u-blox AG

Back Button LARA-R6001-00B Datasheet HTML 5Page - u-blox AG LARA-R6001-00B Datasheet HTML 6Page - u-blox AG LARA-R6001-00B Datasheet HTML 7Page - u-blox AG LARA-R6001-00B Datasheet HTML 8Page - u-blox AG LARA-R6001-00B Datasheet HTML 9Page - u-blox AG LARA-R6001-00B Datasheet HTML 10Page - u-blox AG LARA-R6001-00B Datasheet HTML 11Page - u-blox AG LARA-R6001-00B Datasheet HTML 12Page - u-blox AG LARA-R6001-00B Datasheet HTML 13Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
LARA-R6 series - Data sheet
UBX-21004391 - R09
Functional description
Page 9 of 41
C1-Public
Feature
Description
Embedded TCP and UDP
stack
Embedded TCP/IP and UDP/IP stack including direct link mode for TCP and UDP sockets.
Sockets can be set in Direct Link mode to establish a transparent end to end communication with
an already connected TCP or UDP socket via serial interface.
Embedded FTP, FTPS
File Transfer Protocol as well as Secure File Transfer Protocol (SSL encryption of FTP control
channel) functionalities are supported by means of AT commands.
Embedded HTTP, HTTPS Hyper-Text Transfer Protocol as well as Secure Hyper-Text Transfer Protocol (SSL encryption)
functionalities are supported via AT commands.
CoAP (RFC 7252)
Embedded Constrained Application Protocol (CoAP) datagram-based client/server application
protocol designed to easily translate from HTTP for simplified integration with the web.
MQTT Anywhere and
MQTT Flex
Integrated MQTT-SN client for MQTT Anywhere IoT Communication-as-a-Service support in
combination with external Thingstream SIM, or for MQTT Flex IoT Communication-as-a-Service
support in combination with any external SIM
MQTT (v3.1.1) and
MQTT-SN (v1.2)
Embedded Message Queuing Telemetry Transport (MQTT) and MQTT for Sensor Networks
(MQTT-SN) publish-subscribe messaging protocols designed for lightweight M2M
communications over TCP (MQTT) or over UDP (MQTT-SN). These allow one-to-one, one-to-many
and many-to-one communications over a TCP or UDP connection.
LwM2M
The LwM2M is a light and compact communication protocol designed for managing IoT machine-
to-machine communication between a LwM2M server and a LwM2M client located in lightweight,
low power, or resource-constrained LwM2M devices, with object data model.
TLS (v1.0, v1.1, v1.2, v1.3)
and DTLS (v1.2)
Transport Layer Security (TLS) provides security for HTTP, FTP, MQTT, and TCP communications.
Embedded Datagram Transport Layer Security (DTLS) provides security for LwM2M, and UDP
communications.
DNS
Support for DNS functionality.
IPv4/IPv6 dual-stack
Capability to move between IPv4 and dual stack network infrastructures. IPv4 and IPv6 addresses
can be used.
PPP
IPv4/IPv6 packets relaying through the cellular protocol stack performed on a Point-to-Point
Protocol (PPP) connection established with the external application via a serial interface.
Transitions between Online command mode (OLCM) and PPP mode are supported.
Multiple PDP contexts
Multiple PDP contexts can be activated, and multi secondary PDP contexts be associated to a
primary PDP context.
ODIS
Open mobile alliance device management IMEI Sync (ODIS) is an AT&T functionality required at the
cellular module level and used to identify the end device operating inside the network.
BIP
Bearer Independent Protocol (BIP) for Over-the-Air SIM provisioning. The data transfer to/from the
SIM uses either an already active PDP context or a new PDP context established with the APN
provided by the SIM card.
External u-blox GNSS
control via modem
Access to u-blox positioning chips and modules is available through a dedicated I2C interface.
This means that from any host processor, a single serial port can control the cellular module and
the u-blox positioning chip or module. For more details, see the GNSS application note [6].
Embedded AssistNow
software
Embedded AssistNow Online and AssistNow Offline clients are available to provide better GNSS
performance and faster Time-to-First-Fix. An AT command can enable / disable the clients.
CellLocate®
Enables the estimation of device position based on the parameters of the mobile network cells
visible to the specific device based on the CellLocate® database
A set of AT commands allows CellLocate® service configuration and position request.
☞ u-blox is extremely mindful of user privacy. When a position is sent to the CellLocate® server,
u-blox is unable to track the SIM used or the specific device.
Hybrid positioning
The current module position is provided by a u-blox positioning chip or module or the estimated
position from CellLocate® depending on which method provides the best and fastest solution
according to the user configuration.
A set of AT commands allows Hybrid positioning service configuration and position request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com