Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LARA-R6001-00B Datasheet(PDF) 22 Page - u-blox AG

Part # LARA-R6001-00B
Description  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

LARA-R6001-00B Datasheet(HTML) 22 Page - u-blox AG

Back Button LARA-R6001-00B Datasheet HTML 18Page - u-blox AG LARA-R6001-00B Datasheet HTML 19Page - u-blox AG LARA-R6001-00B Datasheet HTML 20Page - u-blox AG LARA-R6001-00B Datasheet HTML 21Page - u-blox AG LARA-R6001-00B Datasheet HTML 22Page - u-blox AG LARA-R6001-00B Datasheet HTML 23Page - u-blox AG LARA-R6001-00B Datasheet HTML 24Page - u-blox AG LARA-R6001-00B Datasheet HTML 25Page - u-blox AG LARA-R6001-00B Datasheet HTML 26Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
LARA-R6 series - Data sheet
UBX-21004391 - R09
Electrical specifications
Page 22 of 41
C1-Public
4.2 Operating conditions
☞ Unless otherwise indicated, all operating condition specifications are at an ambient temperature
of +25 °C.
⚠ Operation beyond the operating conditions is not recommended and extended exposure beyond
them may affect device reliability.
4.2.1 Operating temperature range
Parameter
Min.
Typical
Max. Unit
Remarks
Normal operating temperature
–20
+25
+65
°C
Operating within 3GPP / ETSI specifications
Extended operating temperature
–40
+85
°C
Operating with possible slight deviation in RF
performance outside normal operating range
Table 10: Environmental conditions
4.2.2 Thermal parameters
Symbol Parameter
Min. Typ. Max. Unit Remarks
ΨM-A
Module-to-Ambient
thermal parameter
10
°C/W Thermal characterization parameter ΨM-A = (TM – TA) / PH
proportional to the delta between internal module temperature (TM)
and ambient temperature (TA), due to heat power dissipation (PH), with
the module mounted on a 79 x 62 x 1.41 mm 4-Layer PCB with a high
coverage of copper, in still air conditions
ΨM-C
Module-to-Case
thermal parameter
3
°C/W Thermal characterization parameter ΨM-C =(TM – TC) / PH
proportional to the delta between internal module temperature (TM)
and ambient temperature (TC), due to heat power dissipation (PH), with
the module mounted on a 79 x 62 x 1.41 mm 4-Layer PCB with a high
coverage of copper, with a robust aluminum heat-sink and with forced
air ventilation, i.e. reducing to a value close to 0 °C/W the thermal
resistance from the case of the module to the ambient
Table 11: Thermal characterization parameters of the module
4.2.3 Supply/power pins
Symbol
Parameter
Min.
Typical
Max.
Unit
VCC
Normal operating input voltage for VCC pins 51, 52, 53 8
3.3
3.8
4.5
V
Extended operating input voltage for VCC pin 51 9
3.1
3.8
4.5
V
Extended operating input voltage for VCC pins 52, 53 10
2.8
3.8
4.5
V
Table 12: Input characteristics of the module Supply/Power pins
Symbol
Parameter
Min.
Typical
Max.
Unit
VSIM
SIM supply output voltage, with external 1.8 V SIM
1.80
V
SIM supply output voltage, with external 3.0 V SIM
2.95
V
V_INT
Generic Digital Interfaces supply output voltage
1.80
V
Generic Digital Interfaces supply output current capability
70
mA
Table 13: Output characteristics of the Supply/Power pins
8 Operating within 3GPP / ETSI specifications.
9 The voltage has to be above the extended operating range minimum limit for the VCC pin 51 (supply input for the baseband
Power Management Unit and the Transceiver) to switch-on the module and to avoid possible switch-off of the module.
10 Operating with possible slight deviation in RF performance outside normal operating range. The Power Amplifier may not be
fully functional when the voltage drops below the extended operating range minimum limit defined for the VCC pins 52 and 53
(supply input for the internal Power Amplifier).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com