Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LARA-R6001-00B Datasheet(PDF) 29 Page - u-blox AG

Part # LARA-R6001-00B
Description  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

LARA-R6001-00B Datasheet(HTML) 29 Page - u-blox AG

Back Button LARA-R6001-00B Datasheet HTML 25Page - u-blox AG LARA-R6001-00B Datasheet HTML 26Page - u-blox AG LARA-R6001-00B Datasheet HTML 27Page - u-blox AG LARA-R6001-00B Datasheet HTML 28Page - u-blox AG LARA-R6001-00B Datasheet HTML 29Page - u-blox AG LARA-R6001-00B Datasheet HTML 30Page - u-blox AG LARA-R6001-00B Datasheet HTML 31Page - u-blox AG LARA-R6001-00B Datasheet HTML 32Page - u-blox AG LARA-R6001-00B Datasheet HTML 33Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
LARA-R6 series - Data sheet
UBX-21004391 - R09
Electrical specifications
Page 29 of 41
C1-Public
4.2.13 I2C pins
I2C lines (SCL and SDA) are compliant with the I2C-bus standard mode specification. See the I2C-bus
specification [15] for detailed electrical characteristics. The values in Table 26 related to I2C-bus
standard mode specifications are for information only.
Parameter
Min
Typical
Max
Unit
Remarks
Internal supply for GDI domain
1.80
V
Digital I/O Interfaces supply (V_INT)
Low-level input
-0.30
0.00
0.63
V
High-level input
1.17
1.80
2.10
V
Low-level output
0.00
0.45
V
Max value at IOL = +2.0 mA
Internal pull-up resistance
2.2
k
Input/output leakage current
-1
1
µ
A
VIN =0 V or VIN =1.8V
Clock frequency on SCL
100
kHz
Table 26: I2C pins characteristics
4.2.14 Generic Digital Interfaces pins
Parameter
Min
Typical
Max
Unit
Remarks
Internal supply for GDI domain
1.80
V
Digital I/O Interfaces supply (V_INT)
Low-level input
-0.30
0.00
0.63
V
High-level input
1.17
1.80
2.10
V
Low-level output
0.00
0.45
V
Max value at IOL = +2.0 mA
High-level output
1.35
1.80
V
Min value at IOH = –2.0 mA
Input leakage current
-1
1
µ
A
VIN =0 V or VIN =1.8V
Internal pull-up /-down resistance
55
390
k
Table 27: GDI pins characteristics
4.2.14.1 AC characteristics of clock output pin (GPIO6)
Parameter Description
Min
Typical
Max
Unit
Remarks
1/T1
GPIO6 clock output frequency
12.288
MHz
AT+UMCLK=2
Table 28: AC characteristics of GPIO6 clock output pin
4.2.14.2 AC characteristics of I2S pins
I2S_CLK
T2
I2S_WA
T1
Figure 3: AC characteristics of digital audio interface (I2S) pins in Normal I2S mode (long synchronization signal), host role
Parameter Description
Min
Typical
Max
Unit
Remarks
1/T1
I2S_WA synchronization signal frequency
16
kHz
<I2S_sample_rate> = 3
1/T2
I2S_CLK bit clock frequency
32
1/T1
<I2S_mode> = 14
Table 29: AC characteristics of digital audio interface (I2S) pins in Normal I2S mode (long synchronization signal), host role



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com