Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LARA-R6001-00B Datasheet(PDF) 12 Page - u-blox AG

Part # LARA-R6001-00B
Description  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

LARA-R6001-00B Datasheet(HTML) 12 Page - u-blox AG

Back Button LARA-R6001-00B Datasheet HTML 8Page - u-blox AG LARA-R6001-00B Datasheet HTML 9Page - u-blox AG LARA-R6001-00B Datasheet HTML 10Page - u-blox AG LARA-R6001-00B Datasheet HTML 11Page - u-blox AG LARA-R6001-00B Datasheet HTML 12Page - u-blox AG LARA-R6001-00B Datasheet HTML 13Page - u-blox AG LARA-R6001-00B Datasheet HTML 14Page - u-blox AG LARA-R6001-00B Datasheet HTML 15Page - u-blox AG LARA-R6001-00B Datasheet HTML 16Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
LARA-R6 series - Data sheet
UBX-21004391 - R09
Interfaces
Page 12 of 41
C1-Public
When LARA-R6 series modules are in power-off mode (switched off, with a voltage at the VCC module
supply input within the normal operating range reported in Table 12), they can be switched on by:
•
Forcing a low level at the PWR_ON input pin, which is normally set high by an internal pull-up, for
a valid time period (see section 4.2.9, module switch-on). The PWR_ON line is intended to be driven
by open drain, open collector, or contact switch.
☞ It is recommended to provide accessible test point directly connected to the PWR_ON input pin.
2.3.2 Module power-off
LARA-R6 series can be properly switched off, with storage of the current parameter settings in the
module’s internal non-volatile memory and a clean network detach, in one of these ways:
•
AT+CPWROFF command (see the AT commands manual [1]).
•
Forcing a low pulse at the PWR_ON input pin, which is normally set high by an internal pull-up, for
a valid time period (see section 4.2.9, module graceful switch-off). The PWR_ON line is intended to
be driven by open drain, open collector or contact switch.
An faster and safe emergency power-off procedure of LARA-R6 series modules with storage of the
current parameter settings and without a clean network detach can be triggered by:
• AT+CFUN=10 command (see the AT commands manual [1]).
• Toggling the GPIO input pin configured with the fast and safe power-off function (see section 2.8)
An abrupt shutdown occurs on LARA-R6 series modules, without storage of the current parameter
settings and without a clean network detach, when:
•
The VCC supply drops below the extended operating range minimum limit
•
Forcing a low level at the RESET_N input pin, which is normally set high by an internal pull-up, for
a valid time period (see 4.2.10, module abrupt emergency switch-off). The RESET_N line is
intended to be driven by open drain, open collector or contact switch.
An over-temperature or an under-temperature shutdown occurs on LARA-R6 series modules when
the temperature measured within the cellular module reaches the dangerous area if the optional
Smart Temperature Supervisor feature is enabled and configured by the dedicated AT command. For
more details, see 4.2.15 and the +USTS AT command description in the AT commands manual [1].
2.3.3 Module reset
LARA-R6 series modules can be reset (rebooted), with storage of the current parameter settings in
the module’s internal non-volatile memory and a clean network detach, by:
•
AT+CFUN=16 command (see the AT commands manual [1] for description and other options).
•
Forcing a low level at the RESET_N input pin, which is normally set high by an internal pull-up, for
a valid time period (see 4.2.10, module reset / reboot). The RESET_N line is intended to be driven
by open drain, open collector or contact switch.
2.4 SIM interface
2.4.1 SIM card / chip interface
LARA-R6 series modules include an interface to connect an external SIM card / chip over the VSIM,
SIM_IO, SIM_CLK, SIM_RST pins: the high-speed SIM/ME interface is implemented as well as the
automatic detection of the required SIM supporting voltage.
Both 1.8 V and 3.0 V SIM types are supported (1.8 V and 3.0 V ME). Activation and deactivation with
automatic voltage switch from 1.8 V to 3.0 V is implemented, according to ISO-IEC 7816-3 specs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com