Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM263X Datasheet(PDF) 40 Page - Texas Instruments

Part # AM263X
Description  AM263x Sitara™ Microcontrollers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263X Datasheet(HTML) 40 Page - Texas Instruments

Back Button AM263X Datasheet HTML 36Page - Texas Instruments AM263X Datasheet HTML 37Page - Texas Instruments AM263X Datasheet HTML 38Page - Texas Instruments AM263X Datasheet HTML 39Page - Texas Instruments AM263X Datasheet HTML 40Page - Texas Instruments AM263X Datasheet HTML 41Page - Texas Instruments AM263X Datasheet HTML 42Page - Texas Instruments AM263X Datasheet HTML 43Page - Texas Instruments AM263X Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 164 page
background image
6.3.2 ADC_CAL
Table 6-7. ADC_CAL Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
ADC_CAL0 (1)
I
ADC Calibration Pin 0
U16
ADC_CAL1 (1)
I
ADC Calibration Pin 1
T15
(1)
This pin is shared between ADC[0:4].
6.3.3 ADC VREF
Table 6-8. ADC_VREF Signal Descriptions
SIGNAL NAME [1] ((5))
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
ADC_VREFHI_G0
A
ADC Reference (Positive)
V14
ADC_VREFHI_G1 (2)
A
ADC Reference (Positive)
V10
ADC_VREFHI_G2
A
ADC Reference (Positive)
V6
ADC_VREFLO_G0 (1)
A
ADC Reference (Negative)
V13
ADC_VREFLO_G1 (3)
A
ADC Reference (Negative)
V11
ADC_VREFLO_G2 (4)
A
ADC Reference (Negative)
V7
(1)
This pin should be connected (shorted) to analog ground (VSSA).
(2)
This pin can be connected (shorted) to ADC_VREFHI_G0.
(3)
This pin can be connected (shorted) to ADC_VREFLO_G0.
(4)
This pin can be connected (shorted) to analog ground (VSSA).
(5)
See the Layout Guidelines section and Hardware Design Guideline for additional details on connecting these pins.
6.3.4 CPSW
Table 6-9. CPSW3G0 RGMII1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
RGMII1_RXC
I
RGMII Receive Clock
R17
RGMII1_RX_CTL
I
RGMII Receive Control
R18
RGMII1_TXC
O
RGMII Transmit Clock
N18
RGMII1_TX_CTL
O
RGMII Transmit Control
M18
RGMII1_RD0
I
RGMII Receive Data 0
U17
RGMII1_RD1
I
RGMII Receive Data 1
T17
RGMII1_RD2
I
RGMII Receive Data 2
U18
RGMII1_RD3
I
RGMII Receive Data 3
T18
RGMII1_TD0
O
RGMII Transmit Data 0
P16
RGMII1_TD1
O
RGMII Transmit Data 1
P17
RGMII1_TD2
O
RGMII Transmit Data 2
P18
RGMII1_TD3
O
RGMII Transmit Data 3
N17
Table 6-10. CPSW3G0 RGMII2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ PIN [4]
RGMII2_RXC
I
RGMII Receive Clock
K15
RGMII2_RX_CTL
I
RGMII Receive Control
K16
RGMII2_TXC
O
RGMII Transmit Clock
H18
RGMII2_TX_CTL
O
RGMII Transmit Control
L16
RGMII2_RD0
I
RGMII Receive Data 0
K17
RGMII2_RD1
I
RGMII Receive Data 1
K18
RGMII2_RD2
I
RGMII Receive Data 2
J18
RGMII2_RD3
I
RGMII Receive Data 3
J17
AM2634, AM2634-Q1, AM2632, AM2632-Q1, AM2631, AM2631-Q1
SPRSP74C – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
40
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2634 AM2634-Q1 AM2632 AM2632-Q1 AM2631 AM2631-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com