Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM263X Datasheet(PDF) 21 Page - Texas Instruments

Part # AM263X
Description  AM263x Sitara™ Microcontrollers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263X Datasheet(HTML) 21 Page - Texas Instruments

Back Button AM263X Datasheet HTML 17Page - Texas Instruments AM263X Datasheet HTML 18Page - Texas Instruments AM263X Datasheet HTML 19Page - Texas Instruments AM263X Datasheet HTML 20Page - Texas Instruments AM263X Datasheet HTML 21Page - Texas Instruments AM263X Datasheet HTML 22Page - Texas Instruments AM263X Datasheet HTML 23Page - Texas Instruments AM263X Datasheet HTML 24Page - Texas Instruments AM263X Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 164 page
background image
Table 6-1. Pin Attributes (ZCZ Package) (continued)
BALL
NUMBER
[1]
BALL NAME [2]/
IOMUX
REGISTER [15]/
ADDRESS [16]/
DEFAULT VALUE [17]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE [5]
BALL
STATE
DURING
RESET
RX/TX/PULL [7]
BALL
STATE
AFTER
RESET
RX/TX/PULL [8]
MUX
MODE
AFTER
RESET [9]
IO
VOLTAGE
[10]
POWER [11]
HYS
[12]
BUFFER
TYPE [14]
PULL
TYPE
[13]
B4
MMC0_D1
MMC0_D1_CFG_REG
0x5310 0140
0x0000 05F7
MMC0_D1
0
IO
Off / Off / Off
Off / On / Down
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
EPWM18_B
5
O
GPMC0_AD11
6
IO
GPIO80
7
IO
SDFM1_D1
8
I
A3
MMC0_D2
MMC0_D2_CFG_REG
0x5310 0144
0x0000 05F7
MMC0_D2
0
IO
Off / Off / Off
Off / On / Down
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART2_TXD
1
O
I2C1_SDA
2
IOD
EPWM19_A
5
O
GPMC0_AD12
6
IO
GPIO81
7
IO
SDFM1_CLK2
8
I
A2
MMC0_D3
MMC0_D3_CFG_REG
0x5310 0148
0x0000 05F7
MMC0_D3
0
IO
Off / Off / Off
Off / On / Down
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART3_RTSn
1
O
EPWM19_B
5
O
GPMC0_AD13
6
IO
GPIO82
7
IO
SDFM1_D2
8
I
R2
PORz
PORz
I
0
3.3 V
VDDSHV0
Yes
RESET
L18
PR0_MDIO0_MDC
PR0_MDIO0_MDC_CFG_REG
0x5310 0158
0x0000 05F7
PR0_MDIO0_MDC
0
O
Off / Off / Off
Off / On / Down
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
EPWM21_B
5
O
GPMC0_CSn3
6
O
GPIO86
7
IO
L17
PR0_MDIO0_MDIO
PR0_MDIO0_MDIO_CFG_REG
0x5310 0154
0x0000 05F7
PR0_MDIO0_MDIO
0
IO
Off / Off / Off
Off / On / Down
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
EPWM21_A
5
O
GPMC0_CSn2
6
O
GPIO85
7
IO
K17
PR0_PRU0_GPIO0
PR0_PRU0_GPIO0_CFG_REG
0x5310 0174
0x0000 05F7
PR0_PRU0_GPIO0
0
IO
Off / Off / Off
Off / On / Down
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
RMII2_RXD0
2
I
RGMII2_RD0
3
I
MII2_RXD0
4
I
EPWM25_A
5
O
GPMC0_A1
6
O
GPIO93
7
IO
www.ti.com
AM2634, AM2634-Q1, AM2632, AM2632-Q1, AM2631, AM2631-Q1
SPRSP74C – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AM2634 AM2634-Q1 AM2632 AM2632-Q1 AM2631 AM2631-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com