Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM263X Datasheet(PDF) 3 Page - Texas Instruments

Part # AM263X
Description  AM263x Sitara™ Microcontrollers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263X Datasheet(HTML) 3 Page - Texas Instruments

  AM263X Datasheet HTML 1Page - Texas Instruments AM263X Datasheet HTML 2Page - Texas Instruments AM263X Datasheet HTML 3Page - Texas Instruments AM263X Datasheet HTML 4Page - Texas Instruments AM263X Datasheet HTML 5Page - Texas Instruments AM263X Datasheet HTML 6Page - Texas Instruments AM263X Datasheet HTML 7Page - Texas Instruments AM263X Datasheet HTML 8Page - Texas Instruments AM263X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 164 page
background image
3 Description
The AM263x Sitara™ Arm® Microcontrollers are built to meet the complex real-time processing needs of
next generation industrial and automotive embedded products. The AM263x MCU family consists of multiple
pin-to-pin compatible devices with up to four 400 MHz Arm® Cortex®-R5F cores. As an option, the Arm®
R5F subsystem can be programmed to run in lockstep or dual-core mode for a multiple functional safety
configurations. The industrial communications subsystem (PRU-ICSS) enables integrated industrial Ethernet
communication protocols such as PROFINET®, TSN, Ethernet/IP®, EtherCAT® (among many others), standard
Ethernet connectivity, and even custom I/O interfaces. The family is designed for the future of motor control and
digital power applications with advanced analog sensing and digital actuation modules.
The multiple R5F cores are arranged in cluster subsystems with 256KB of shared tightly coupled memory (TCM)
along with 2MB of shared SRAM, greatly reducing the need for external memory. Extensive ECC is included
for on-chip memories, peripherals, and interconnects for enhanced reliability. Granular firewalls managed by the
Hardware Security Manager (HSM) enable developers to implement stringent security-minded system design
requirements. Cryptographic acceleration and secure boot are also available on AM263x devices.
TI provides a complete set of microcontroller software and development tools for the AM263x family of
microcontrollers.
Package Information
PART NUMBER(1) (2)
PACKAGE
BODY SIZE
AM2634...ZCZ
nFBGA [SiP] (324-pin)
15.0 mm × 15.0 mm
AM2632...ZCZ
nFBGA [SiP] (324-pin)
15.0 mm × 15.0 mm
AM2631...ZCZ
nFBGA [SiP] (324-pin)
15.0 mm × 15.0 mm
AM2634...ZCZQ1
nFBGA [SiP] (324-pin)
15.0 mm × 15.0 mm
AM2632...ZCZQ1
nFBGA [SiP] (324-pin)
15.0 mm × 15.0 mm
AM2631...ZCZQ1
nFBGA [SiP] (324-pin)
15.0 mm × 15.0 mm
(1)
For more information, see Section 11, Mechanical, Packaging, and Orderable Information.
(2)
All devices are available in both tray or tape and reel packaging.
www.ti.com
AM2634, AM2634-Q1, AM2632, AM2632-Q1, AM2631, AM2631-Q1
SPRSP74C – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: AM2634 AM2634-Q1 AM2632 AM2632-Q1 AM2631 AM2631-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com