Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM263X Datasheet(PDF) 2 Page - Texas Instruments

Part # AM263X
Description  AM263x Sitara™ Microcontrollers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263X Datasheet(HTML) 2 Page - Texas Instruments

  AM263X Datasheet HTML 1Page - Texas Instruments AM263X Datasheet HTML 2Page - Texas Instruments AM263X Datasheet HTML 3Page - Texas Instruments AM263X Datasheet HTML 4Page - Texas Instruments AM263X Datasheet HTML 5Page - Texas Instruments AM263X Datasheet HTML 6Page - Texas Instruments AM263X Datasheet HTML 7Page - Texas Instruments AM263X Datasheet HTML 8Page - Texas Instruments AM263X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 164 page
background image
High-Speed Interfaces:
• Integrated Ethernet switch supporting two external
ports
– RMII (10/100) or RGMII (10/100/1000)
– IEEE 1588 (2008 Annex D, Annex E, Annex F)
with 802.1AS PTP
– Clause 45 MDIO PHY management
– 512x ALE engine-based Packet Classifiers
– Priority flow control with up to 2KB packet size
– Four CPU hardware interrupt pacing
– IP/UDP/TCP checksum offload in hardware
Security:
• Hardware Security Module (HSM) with support for
Auto SHE 1.1/EVITA
• Secure boot support
– Device Take Over Protection
– Hardware-enforced root-of-trust
– Authenticated boot
– SW Anti-rollback protection
• Debug security
– Secure device debug only after proper
authentication
– Ability to disable device debug functionality
• Device ID and Key Management
– Support for OTP Memory (FUSEROM)
• Store root keys & other security fields
– Separate EFUSE controllers and FUSE ROMs
– Unique Public Device Identifiers (UIDs)
• Memory Protection Units (MPU)
– Dedicated Arm® MPU per Cortex®-R5F core
– System MPU - present at various interfaces in
the SoC (MPU or Firewall)
– 8-16 Programmable Regions
• Enable/Privilege ID
• Start/End Address
• Read/Write/Cachable
• Secure/Non-Secure
• Cryptographic Acceleration
– Cryptographic cores with DMA Support
– AES - 128/192/256-bit key sizes
– SHA2 - 256/384/512-bit support
– DRBG with pseudo and true random number
generator
– PKA (public key accelerator) to assist in
RSA/ECC processing
Functional Safety:
• Enables design of systems with functional safety
requirements
– Error Signaling Module (ESM) with designated
SAFETY_ERRORn pin
– ECC or parity on calculation-critical memories
– Built-In Self-Test (BIST) and fault-injection for
CPU and on-chip RAM
– Runtime internal diagnostic modules including
voltage, temperature, and clock monitoring,
windowed watchdog timers, CRC engines for
memory integrity checks
• Functional Safety-Compliant targeted [Industrial]
– Developed for functional safety applications
– Documentation to be made available to aid IEC
61508 functional safety system design
– Systematic capability up to SIL-3 targeted
– Hardware integrity up to SIL-3 targeted
– Safety-related certification
• IEC 61508 planned
• Functional Safety-Compliant targeted [Automotive]
– Developed for functional safety applications
– Documentation to be made available to aid ISO
26262 functional safety system design
– Systematic capability up to ASIL-D targeted
– Hardware integrity up to ASIL-D targeted
– Safety-related certification
• ISO 26262 planned
Technology / Package:
• AEC-Q100 qualified for automotive applications
• 45-nm technology
• ZCZ Package
– 324-pin NFBGA
– 15.0 mm x 15.0 mm
– 0.8 mm pitch
2 Applications
• Single & Multi Axis Servo Drives
• AC Inverter & VF Drives
• Solar Energy
• EV Charging
• Renewable Energy Storage
• Traction Inverters
• Onboard Chargers
• DC-DC Converters
• Battery Management Systems
• Combo Box Architectures
• IO Aggregators
• Domain Controllers
AM2634, AM2634-Q1, AM2632, AM2632-Q1, AM2631, AM2631-Q1
SPRSP74C – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2634 AM2634-Q1 AM2632 AM2632-Q1 AM2631 AM2631-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com