Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFBR-79EQPZ-R1-C Datasheet(PDF) 4 Page - ATGBICS by Approved Technology

Part # AFBR-79EQPZ-R1-C
Description  AFBR-79EQPZ-R1 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

AFBR-79EQPZ-R1-C Datasheet(HTML) 4 Page - ATGBICS by Approved Technology

  AFBR-79EQPZ-R1-C Datasheet HTML 1Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 2Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 3Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 4Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 5Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 6Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 7Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 8Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 9Page - ATGBICS by Approved Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_AFBR-79EQPZ-R1-C_V1
Page 4 of 15
Product Datasheet
Optical Parameters
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Transmitter
Optical Wavelength
λ
840
860
nm
RMS Spectral Width
Pm
0.5
0.65
nm
Average Optical Power per
Channel
Pavg
-8
-2.5
+1.0
dBm
Laser Off Power Per Channel
Poff
-30
dBm
Optical Extinction Ratio
ER
3.5
dB
Relative Intensity Noise
Rin
-128
dB/HZ
1
Optical Return Loss Tolerance
12
dB
Receiver
Optical Center Wavelength
λC
840
860
nm
Receiver Sensitivity per Channel
R
-13
dBm
Maximum Input Power
PMAX
+0.5
dBm
Receiver Reflectance
Rrx
-12
dB
LOS De-Assert
LOSD
-14
dBm
LOS Assert
LOSA
-30
dBm
LOS Hysteresis
LOSH
0.5
dB
Note:
1. 12dB Reflection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com