Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFBR-79EQPZ-R1-C Datasheet(PDF) 12 Page - ATGBICS by Approved Technology

Part # AFBR-79EQPZ-R1-C
Description  AFBR-79EQPZ-R1 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

AFBR-79EQPZ-R1-C Datasheet(HTML) 12 Page - ATGBICS by Approved Technology

Back Button AFBR-79EQPZ-R1-C Datasheet HTML 7Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 8Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 9Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 10Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 11Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 12Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 13Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 14Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 15Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_AFBR-79EQPZ-R1-C_V1
Page 12 of
15
Product Datasheet
31
LVTTL-I
LPMode
Low Power
Mode
32
GND
Ground
1
33
CML-I
Tx3p
Transmitter
Inverted
Data Output
34
CML-I
Tx3n
Transmitter
Non-
Inverted
Data Output
35
GND
Ground
1
36
CML-I
Tx1p
Transmitter
Inverted
Data Output
37
CML-I
Tx1n
Transmitter
Non-
Inverted
Data Output
38
GND
Ground
1
Notes:
1. GND is the symbol for single and supply(power) common for QSFP modules, All are common
within the QSFP module and all module voltages are referenced to this potential otherwise noted.
Connect these directly to the host board signal common ground plane. Laser output disabled on
TDIS >2.0V or open, enabled on TDIS <0.8V.
2. VccRx, Vcc1 and VccTx are the receiver and transmitter power suppliers and shall be applied
concurrently. Recommended host board power supply filtering is shown below. VccRx, Vcc1 and
VccTx may be internally connected within the QSFP transceiver module in any combination. The
connector pins are each rated for maximum current of 500mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com