Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFBR-79EQPZ-R1-C Datasheet(PDF) 6 Page - ATGBICS by Approved Technology

Part # AFBR-79EQPZ-R1-C
Description  AFBR-79EQPZ-R1 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

AFBR-79EQPZ-R1-C Datasheet(HTML) 6 Page - ATGBICS by Approved Technology

Back Button AFBR-79EQPZ-R1-C Datasheet HTML 2Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 3Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 4Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 5Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 6Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 7Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 8Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 9Page - ATGBICS by Approved Technology AFBR-79EQPZ-R1-C Datasheet HTML 10Page - ATGBICS by Approved Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_AFBR-79EQPZ-R1-C_V1
Page 6 of 15
Product Datasheet
Lower Memory Map
Byte Address
Description
Type
0
Identifier (1 Byte)
Read-Only
1-2
Status (2 Bytes)
Read-Only
3-21
Interrupt Flags (19 Bytes)
Read-Only
22-33
Module Monitors (12 Bytes)
Read-Only
34-81
Channel Monitors (48 Bytes)
Read-Only
82-85
Reserved (4 Bytes)
Read-Only
86-97
Control (12 Bytes)
Read/Write
98-99
Reserved (2 Bytes)
Read/Write
100-106
Module and Channel Masks (7 Bytes)
Read/Write
107-118
Reserved (12 Bytes)
Read/Write
119-122
Password Change Entry Area (optional) (4 Bytes)
Read/Write
123-126
Password Entry Area (optional) (4 Bytes)
Read/Write
127
Page Select Byte
Read/Write
Upper Memory Map
Byte Address
Description
Type
128-175
Module Thresholds (48 Bytes)
Read-Only
176-223
Channel Thresholds (48 Bytes)
Read-Only
224-225
Reserved (2 Bytes)
Read-Only
226-239
Vendor Specific Channel Controls (14 Bytes)
Read/Write
240-241
Optional Channel Controls (2 Bytes)
Read/Write
242-253
Channel Monitor Masks (12 Bytes)
Read/Write
254-255
Reserved (2 Bytes)
Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com