Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1ST040EH2F35E2VLS1 Datasheet(PDF) 35 Page - Intel Corporation

Part # 1ST040EH2F35E2VLS1
Description  Intel® Stratix® 10 TX Device Overview
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

1ST040EH2F35E2VLS1 Datasheet(HTML) 35 Page - Intel Corporation

Back Button 1ST040EH2F35E2VLS1 Datasheet HTML 31Page - Intel Corporation 1ST040EH2F35E2VLS1 Datasheet HTML 32Page - Intel Corporation 1ST040EH2F35E2VLS1 Datasheet HTML 33Page - Intel Corporation 1ST040EH2F35E2VLS1 Datasheet HTML 34Page - Intel Corporation 1ST040EH2F35E2VLS1 Datasheet HTML 35Page - Intel Corporation 1ST040EH2F35E2VLS1 Datasheet HTML 36Page - Intel Corporation 1ST040EH2F35E2VLS1 Datasheet HTML 37Page - Intel Corporation 1ST040EH2F35E2VLS1 Datasheet HTML 38Page - Intel Corporation 1ST040EH2F35E2VLS1 Datasheet HTML 39Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
Figure 19.
SDM Block Diagram
Secure Device Manager
(SDM)
FPGA
Sector
LSM
FPGA
Sector
LSM
FPGA
Sector
LSM
FPGA
Sector
LSM
Configuration
Network
Customizable secure boot process
Private, public, and PUF-based
key support
Security Features
Interface bus used to transport
configuration data from SDM
throughout FPGA
Sectors can be selectively
configured and cleared of
sensitive parameters
Sectors configured in parallel
to reduce configuration time
LSM: Local Sector Manager
PUF: Physically Unclonable Function
During configuration, Intel Stratix 10 TX devices are divided into logical sectors, each
of which is managed by a local sector manager (LSM). The SDM passes configuration
data to each of the LSMs across the on-chip configuration network. This allows the
sectors to be configured independently, one at a time, or in parallel. This approach
achieves simplified sector configuration and reconfiguration, as well as reduced overall
configuration time due to the inherent parallelism. The same sector-based approach is
used to respond to single-event upsets and security attacks.
While the sectors provide a logical separation for device configuration and
reconfiguration, they overlay the normal rows and columns of FPGA logic and routing.
This means there is no impact to the Intel Quartus Prime software place and route,
and no impact to the timing of logic signals that cross the sector boundaries.
1. Intel® Stratix® 10 TX Device Overview
683717 | 2022.08.18
Send Feedback
Intel® Stratix® 10 TX Device Overview
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com