Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1ST040EH2F35E2VLS1 Datasheet(PDF) 4 Page - Intel Corporation

Part # 1ST040EH2F35E2VLS1
Description  Intel® Stratix® 10 TX Device Overview
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

1ST040EH2F35E2VLS1 Datasheet(HTML) 4 Page - Intel Corporation

  1ST040EH2F35E2VLS1 Datasheet HTML 1Page - Intel Corporation 1ST040EH2F35E2VLS1 Datasheet HTML 2Page - Intel Corporation 1ST040EH2F35E2VLS1 Datasheet HTML 3Page - Intel Corporation 1ST040EH2F35E2VLS1 Datasheet HTML 4Page - Intel Corporation 1ST040EH2F35E2VLS1 Datasheet HTML 5Page - Intel Corporation 1ST040EH2F35E2VLS1 Datasheet HTML 6Page - Intel Corporation 1ST040EH2F35E2VLS1 Datasheet HTML 7Page - Intel Corporation 1ST040EH2F35E2VLS1 Datasheet HTML 8Page - Intel Corporation 1ST040EH2F35E2VLS1 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
•
Hard memory controllers and PHY supporting DDR4 rates up to 2666 Mbps per pin
•
Hard fixed-point and IEEE 754 compliant hard floating-point variable precision
digital signal processing (DSP) blocks with over 9 TFLOP compute performance
with a power efficiency of 80 GFLOP per Watt
•
Quad-core 64 bit Arm Cortex-A53 embedded processor in select devices, running
up to 1.5 GHz
•
Programmable clock tree synthesis for flexible, low power, low skew clock trees
•
Dedicated secure device manager (SDM) for:
— Enhanced device configuration and security
— AES-256, SHA-256/384 and ECDSA-256/384 encrypt/decrypt accelerators and
authentication
— Multi-factor authentication
— Physically Unclonable Function (PUF) service and software programmable
device configuration capability
•
Advanced power saving features delivering up to 70% lower core power compared
to previous generation high-performance FPGAs
With these capabilities, Intel Stratix 10 TX devices are ideally suited for the highest
transceiver bandwidth applications in diverse markets such as:
•
Compute and Storage—for custom servers, cloud computing and datacenter
acceleration
•
Networking—for Terabit, 400G and multi-100G bridging, aggregation, packet
processing and traffic management
•
Optical Transport Networks—for OTU4, 2xOTU4, 4xOTU4
•
Broadcast—for high-end studio distribution, headend encoding/decoding, edge
QAM
•
Military—for radar, electronic warfare, and secure communications
•
Medical—for diagnostic scanners and diagnostic imaging
•
Test and Measurement—for protocol analyzers and application testers
•
Wireless—for next-generation 5G networks
1.1. Intel Stratix 10 TX Devices
In addition to delivering over 8 Tbps of transceiver bandwidth in a single package,
Intel Stratix 10 TX devices offer up to 1 GHz core fabric performance and contain up
to 2.8 million LEs in a monolithic fabric. They also feature up to 144 general purpose
transceivers on separate transceiver tiles, and 2666 Mbps DDR4 external memory
interface performance. The dual mode transceivers are capable of data rates up to
57.8 Gbps PAM4 / 28.9 Gbps NRZ for both short reach and backplane driving
applications. Select devices contain an embedded hard processor system (HPS) based
on an application-class quad-core 64 bit Arm Cortex-A53, running at clock rates up to
1.5 GHz.
These devices are optimized for FPGA applications that require the highest transceiver
bandwidth, and the highest core fabric performance, with the power efficiency of
Intel’s 14 nm tri-gate process technology.
1. Intel® Stratix® 10 TX Device Overview
683717 | 2022.08.18
Intel® Stratix® 10 TX Device Overview
Send Feedback
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com