Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AWT6108R Datasheet(PDF) 5 Page - ANADIGICS, Inc

Part # AWT6108R
Description  GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6108R Datasheet(HTML) 5 Page - ANADIGICS, Inc

  AWT6108R Datasheet HTML 1Page - ANADIGICS, Inc AWT6108R Datasheet HTML 2Page - ANADIGICS, Inc AWT6108R Datasheet HTML 3Page - ANADIGICS, Inc AWT6108R Datasheet HTML 4Page - ANADIGICS, Inc AWT6108R Datasheet HTML 5Page - ANADIGICS, Inc AWT6108R Datasheet HTML 6Page - ANADIGICS, Inc AWT6108R Datasheet HTML 7Page - ANADIGICS, Inc AWT6108R Datasheet HTML 8Page - ANADIGICS, Inc AWT6108R Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PRELIMINARY DATA SHEET - Rev 1.0
01/2006
AWT6108R
5
Table 6: Electrical Characteristics for GSM850/900
(VBATT = 3.5 V, VREG = 2.8 V, PIN = 2.0 dBm, Pulse Width = 1154 µs, Duty 25%,
ZIN = ZOUT = 50
Ω, TC = 25 °C, VRAMP = 1.6 V, BS = LOW, TX_EN = HIGH)
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
F
(
y
c
n
e
u
q
e
r
F
g
n
it
a
r
e
p
O
O
)
4
2
8
0
8
8
-
-
9
4
8
5
1
9
z
H
M
r
e
w
o
P
t
u
p
n
I
025
m
B
d
P
(
r
e
w
o
P
t
u
p
t
u
O
X
A
M
)5
.
4
35
3-
m
B
dz
H
M
5
1
9
o
t
4
2
8
=
q
e
r
F
r
e
w
o
P
t
u
p
t
u
O
d
e
d
a
r
g
e
D0
.
2
35
.
2
3-
m
B
d
V T
T
A
B
T
,
V
0
.
3
=
C
,
C
°
5
8
=
P NI
m
B
d
0
=
P
@
E
A
P
X
A
M
8
45
5-
%
z
H
M
5
1
9
o
t
4
2
8
=
q
e
r
F
1
n
o
it
a
l
o
s
I
d
r
a
w
r
o
F-
7
3
-0
3
-m
B
dP
,
W
O
L
=
N
E
_
X
T
N
I
m
B
d
5
=
2
n
o
it
a
l
o
s
I
d
r
a
w
r
o
F-
5
2
-0
1
-m
B
d
V
,
H
G
I
H
=
N
E
_
X
T
P
M
A
R
,
V
2
.
0
=
P NI
m
B
d
5
=
n
o
it
a
l
o
s
I
s
s
o
r
C
F
2
(
O
)
t
r
o
p
S
C
P
/
S
C
D
@
-0
3
-0
2
-m
B
dV
P
M
A
R
V
o
t
V
2
.
0
=
X
A
M
_
P
M
A
R
s
c
i
n
o
m
r
a
H
o
f
2
o
f
3
-
-
7
1
-
0
3
-
5
-
5
1
-
m
B
ds
l
e
v
e
l
r
e
w
o
p
t
u
p
t
u
o
ll
a
r
e
v
O
y
ti
li
b
a
t
S
-
-
-
-
6
3
-
0
3
-
m
B
d
,
s
e
s
a
h
p
ll
a
1
:
8
=
R
W
S
V
P T
U
O
<
m
B
d
5
.
4
3
F T
U
O
z
H
G
1
<
F T
U
O
z
H
G
1
>
s
s
e
n
d
e
g
g
u
R-
-
1
:
0
1P
,
s
e
s
a
h
p
d
a
o
l
ll
A
T
U
O
<
m
B
d
5
.
4
3
r
e
w
o
P
e
s
i
o
N
X
R
-6
8
-3
8
-m
B
d
T
F X
,
z
H
k
0
0
1
=
W
B
R
,
z
H
M
9
4
8
=
F X
R
,
z
H
M
4
9
8
o
t
9
6
8
=
P T
U
O
<
m
B
d
5
.
4
3
-1
8
-7
7
-m
B
d
T
F X
,
z
H
k
0
0
1
=
W
B
R
,
z
H
M
5
1
9
=
F X
R
,
z
H
M
5
3
9
o
t
5
2
9
=
P T
U
O
<
m
B
d
5
.
4
3
-6
8
-3
8
-m
B
d
T
F X
,
z
H
k
0
0
1
=
W
B
R
,
z
H
M
5
1
9
=
F X
R
,
z
H
M
0
6
9
o
t
5
3
9
=
P T
U
O
<
m
B
d
5
.
4
3
R
W
S
V
t
u
p
n
I-
-
1
:
5
.
2s
l
e
v
e
l
r
e
w
o
p
t
u
p
t
u
o
ll
a
r
e
v
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com