Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AWT6108R Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWT6108R
Description  GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6108R Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWT6108R Datasheet HTML 1Page - ANADIGICS, Inc AWT6108R Datasheet HTML 2Page - ANADIGICS, Inc AWT6108R Datasheet HTML 3Page - ANADIGICS, Inc AWT6108R Datasheet HTML 4Page - ANADIGICS, Inc AWT6108R Datasheet HTML 5Page - ANADIGICS, Inc AWT6108R Datasheet HTML 6Page - ANADIGICS, Inc AWT6108R Datasheet HTML 7Page - ANADIGICS, Inc AWT6108R Datasheet HTML 8Page - ANADIGICS, Inc AWT6108R Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
01/2006
AWT6108R
GSM850/GSM900/DCS/PCS
Quad Band Power Amplifier Module
With Integrated Power Control
PRELIMINARY DATA SHEET - Rev 1.0
20 Pin 7 mm x 10 mm x 1.4 mm
Surface Mount Module
FEATURES
InGaP HBT Technology
Integrated Power Control (CMOS)
Quad Band Applications
+35 dBm GSM Output Power at 3.5 V
+33 dBm DCS/PCS Output Power at 3.5 V
55% GSM PAE
50% DCS/PCS PAE
Small Footprint: 7 x 10 mm
Low Profile: 1.4 mm
Power Control Range: >50 dB
GPRS Capable (Class 12)
RoHS Compliant Package, 250 oC MSL-3
APPLICATIONS
GSM850/GSM900/DCS/PCS Handsets
Dual/Tri/Quad Band PDA
PRODUCT DESCRIPTION
This quad band power amplifier module is designed
to support dual, tri and quad band applications. The
module includes an integrated power control
scheme that facilitates fast and easy production
calibration and reduces the number of external
components required to complete a power control
function.
The amplifier’s power control range is typically
55dB, with the output power set by applying an
analog voltage to VRAMP. The logical control inputs,
Figure 1: Block Diagram
TX_EN and BS, are both 1.8 V and 3 V logic
compliant. The TX_EN is used to enable the
amplifier typically with the TX burst. The BS is used
to select which amplifier is enabled.
There are two amplifier chains, one to support
GSM850/900 bands, the other for DCS/PCS bands.
All of the RF ports for this device are internally
matched to 50
Ω. Internal DC blocks are provided at
the RF ports.
AWT6108R


Similar Part No. - AWT6108R

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6108 ANADIGICS-AWT6108 Datasheet
316Kb / 12P
Quad Band Power Amplifier Module
08/2003
AWT6108M10P8 ANADIGICS-AWT6108M10P8 Datasheet
316Kb / 12P
Quad Band Power Amplifier Module
08/2003
More results

Similar Description - AWT6108R

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM7M4006 TRIQUINT-TQM7M4006 Datasheet
72Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M4014 TRIQUINT-TQM7M4014 Datasheet
207Kb / 8P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
logo
ANADIGICS, Inc
AWT6123 ANADIGICS-AWT6123 Datasheet
214Kb / 10P
GSM850/GSM900/DCS/PCS Quad Band Power Amplifier
Rev 0.7
AWT6166 ANADIGICS-AWT6166 Datasheet
246Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
Rev 0.3
AWT6166R ANADIGICS-AWT6166R Datasheet
421Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
Rev 2.0
AWT6201 ANADIGICS-AWT6201 Datasheet
203Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band PowerPlexer with Integrated Power Control
Rev 0.7
AWT6202 ANADIGICS-AWT6202 Datasheet
209Kb / 12P
GSM850/GSM900/DCS/PCS Quad Band PowerPlexer with Integrated Power Control
Rev 0.3
logo
TriQuint Semiconductor
TQM7M4007 TRIQUINT-TQM7M4007_15 Datasheet
91Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M5012H TRIQUINT-TQM7M5012H_15 Datasheet
107Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
logo
Qorvo, Inc
TQM7M5022 QORVO-TQM7M5022 Datasheet
59Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com