Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AWT6108R Datasheet(PDF) 8 Page - ANADIGICS, Inc

Part # AWT6108R
Description  GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6108R Datasheet(HTML) 8 Page - ANADIGICS, Inc

Back Button AWT6108R Datasheet HTML 4Page - ANADIGICS, Inc AWT6108R Datasheet HTML 5Page - ANADIGICS, Inc AWT6108R Datasheet HTML 6Page - ANADIGICS, Inc AWT6108R Datasheet HTML 7Page - ANADIGICS, Inc AWT6108R Datasheet HTML 8Page - ANADIGICS, Inc AWT6108R Datasheet HTML 9Page - ANADIGICS, Inc AWT6108R Datasheet HTML 10Page - ANADIGICS, Inc AWT6108R Datasheet HTML 11Page - ANADIGICS, Inc AWT6108R Datasheet HTML 12Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
PRELIMINARY DATA SHEET - Rev 1.0
01/2006
AWT6108R
Figure 6: DCS/PCS P
vs.
V
=
( 2 TX slots)
MAX
RAMP
Temperature @
V
= 1.6 V
RAMPMAX
31.0
31.2
31.4
31.6
31.8
32.0
32.2
32.4
32.6
32.8
33.0
33.2
33.4
33.6
33.8
34.0
34.2
34.4
34.6
34.8
35.0
1700
1720
1740
1760
1780
1800
1820
1840
1860
1880
1900
1920
Frequency (MHz)
DCS -20°C
PCS -20°C
DCS +25°C
PCS +25°C
DCS +85°C
PCS +85° C
Vcc = 3.5V, Vreg = 2.8V
Temp. = +25°C, PW= 1154usec
Vramp = 1.6V
Figure 5: GSM850/GSM900 PMAX vs. Temperature @ Vramp=Vrampmax = 1.6V
(2TX slots)
32.0
32.5
33.0
33.5
34.0
34.5
35.0
35.5
36.0
36.5
37.0
37.5
38.0
820
830
840
850
860
870
880
890
900
910
920
Frequency (MHz)
GSM850, -20°C
GSM900, -20°C
GSM850, +25°C
GSM900, +25°C
GSM850, +85°C
GSM900, +85°C
VBATT = 3.5V, VREG = 2.8V
VRAMP = 1.6V, PW = 1154us
Pin = 2 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com