Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AWT6108R Datasheet(PDF) 7 Page - ANADIGICS, Inc

Part # AWT6108R
Description  GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6108R Datasheet(HTML) 7 Page - ANADIGICS, Inc

Back Button AWT6108R Datasheet HTML 3Page - ANADIGICS, Inc AWT6108R Datasheet HTML 4Page - ANADIGICS, Inc AWT6108R Datasheet HTML 5Page - ANADIGICS, Inc AWT6108R Datasheet HTML 6Page - ANADIGICS, Inc AWT6108R Datasheet HTML 7Page - ANADIGICS, Inc AWT6108R Datasheet HTML 8Page - ANADIGICS, Inc AWT6108R Datasheet HTML 9Page - ANADIGICS, Inc AWT6108R Datasheet HTML 10Page - ANADIGICS, Inc AWT6108R Datasheet HTML 11Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PRELIMINARY DATA SHEET - Rev 1.0
01/2006
AWT6108R
7
PERFORMANCE DATA
Figure 3: GSM850/GSM900 Pout vs Vramp &Temperature
(2 TX slots)
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
35
40
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
Vramp (V)
836.5MHz, +25C
897.5MHz, +25C
836.5MHz, -25C
897.5MHz, -25C
836.5MHz, +85C
897.5MHz, +85C
VBATT = 3.5V, Pin = 2dBm
VREG = 2.8V, PW = 1154us
Figure 4: DCS/PCS Pout vs Vramp & Temperature
(2 TX slots)
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
35
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
Vramp (V)
1747.5MHz,+25C
1880MHz, +25C
1747.5MHz, -25C
1880MHz, -25C
1747.5MHz, +85C
1880MHz, +85C
VBATT = 3.5V, Pin = 2dBm
VREG = 2.8V, PW = 1154us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com