Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT7C138C45WPC Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # UT7C138C45WPC
Description  4Kx8/9 Radiation-Hardened Dual-Port Static RAM with Busy Flag
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT7C138C45WPC Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

Back Button UT7C138C45WPC Datasheet HTML 2Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 3Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 4Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 5Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 6Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 7Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 8Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 9Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 10Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
DC ELECTRICAL CHARACTERISTICS (Pre/Post-Radiation)*
(VDD = 5.0V ±10%; -55°C < TC < +125°C)
Notes:
* Post-radiation performance guaranteed at 25
°C per MIL-STD-883 Method 1019.
1. Measured only for initial qualification and after process or design changes that could affect input/output capacitance.
2. Supplied as a design limit but not guaranteed or tested.
3. Not more than one output may be shorted at a time for maximum duration of one second.
4. VIH = 5.5V, V IL = 0V.
5. IDD (OP) derates at 6.4mA/MHz.
6. IDD (OP) derates at 3.4mA/MHz.
SYMBOL
PARAMETER
CONDITION
MIN
MAX
UNIT
VIH
High-level input voltage
(CMOS)
0.7VDD
V
VIL
Low-level input voltage
(CMOS)
0.3VDD
V
V
OL
Low-level output voltage
I
OL = 8mA, V DD = 4.5V (TTL)
0.4
V
VOL
Low-level output voltage
IOL = 200µA, VDD = 4.5V (CMOS)
0.05
V
VOH
High-level output voltage
IOH = -4mA, VDD = 4.5V (TTL)
2.4
V
V
OH
High-level output voltage
I
OH = -200µA, VDD = 4.5V (CMOS)
4.45
V
C
IN
1
Input capacitance
ƒ = 1MHz @ 0V
25
pF
CIO
1
Bidirectional I/O capacitance
ƒ = 1MHz @ 0V
25
pF
I
IN
Input leakage current
V
IN = V DD and VSS
-10
10
µA
IOZ
Three-state output leakage current
VO = VDD and VSS
VDD = 5.5V
G = 5.5V
-10
10
µA
I
OS
2,3
Short-circuit output current
VDD = 5.5V, VO = VDD
VDD = 5.5V, VO = 0V
-90
90
mA
mA
IDD(OP)
4,5 Supply current operating (both ports)
@ 22.2MHz
CMOS inputs (I
OUT = 0)
V
DD = 5.5V
300
mA
IDD(OP)
4,6 Supply current operating (single port)
@ 22.2 MHz
CMOS inputs (I
OUT = 0)
V
DD = 5.5V
150
mA
IDD(OP)
4,5 Supply current operating (both ports)
@ 18.2MHz
CMOS inputs (I
OUT = 0)
V
DD = 5.5V
275
mA
IDD(OP)
4,6 Supply current operating (single port)
@ 18.2 MHz
CMOS inputs (I
OUT = 0)
VDD = 5.5V
138
mA
IDD(SB)
4
Supply current standby
CMOS inputs (IOUT = 0)
CE = VDD - 0.5, VDD = 5.5V
1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com