Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT7C138C45WPC Datasheet(PDF) 12 Page - Aeroflex Circuit Technology

Part # UT7C138C45WPC
Description  4Kx8/9 Radiation-Hardened Dual-Port Static RAM with Busy Flag
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT7C138C45WPC Datasheet(HTML) 12 Page - Aeroflex Circuit Technology

Back Button UT7C138C45WPC Datasheet HTML 8Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 9Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 10Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 11Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 12Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 13Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 14Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 15Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 16Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12
AC CHARACTERISTICS BUSY CYCLE 1
(VDD = 5.0V±10%)
Notes:
1. Test conditions assume signal transition time of 5ns or less, timing reference levels of V DD /2, input pulse levels of 0.5V to VDD-0.5V, and output
loading of the specified IOL/IOH and 50-pF load capacitance.
2. Violation of t PS (with addresses matching) results in at least one of the two busy output signals asserting, only one port remains busy.
3. When violating tPS, the busy signal asserts on one port or the other; there is no guarantee on which port the busy signal asserts.
SYMBOL
PARAMETER
7C138 - 45
7C139 - 45
MIN
MAX
7C138 - 55
7C139 - 55
MIN
MAX
UNIT
t
BLA
BUSY LOW from address match
25
30
ns
tBZA
BUSY HIGH-Z from address mismatch
25
30
ns
tBLC
BUSY LOW from CE LOW
25
30
ns
tBZC
BUSY HIGH from CE HIGH
25
30
ns
tPS
2,3
Port set-up for priority
5
5
ns
tWB
R/W LOW after BUSY LOW
0
0
ns
t
WH
R/W HIGH after BUSY HIGH
40
50
ns
tBDD
BUSY HIGH to data valid
45
55
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com