Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT7C138C45WPC Datasheet(PDF) 16 Page - Aeroflex Circuit Technology

Part # UT7C138C45WPC
Description  4Kx8/9 Radiation-Hardened Dual-Port Static RAM with Busy Flag
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT7C138C45WPC Datasheet(HTML) 16 Page - Aeroflex Circuit Technology

Back Button UT7C138C45WPC Datasheet HTML 12Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 13Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 14Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 15Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 16Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 17Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 18Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 19Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 20Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16
DATA RETENTION CHARACTERISTICS (Pre-Radiation)
(TC = 25°C)
Notes:
1. CE equals VDR, all other inputs equal VDR or VSS.
2. Guaranteed but not tested.
SYMBOL
PARAMETER
MINIMUM
MAXIMUM
VDD @
2.5V
UNIT
VDR
VDD for data retention
2.5
--
V
IDDR
1
Data retention current
--
400
µA
t
EFR
1,2
Chip deselect to data retention time
0
ns
tR
1,2
Operation recovery time
tWC or tRC
ns
VDD
CE
DATA RETENTION MODE
t
R
4.5V
4.5V
VDR 2.5V
Figure 6. Low VDD Data Retention Waveform
t
EFR
V
DR
VIN < 1.5V CMOS
Notes:
1. 50pF including scope probe and test socket.
2. Measurement of data output occurs at the low to high or high to low transition mid-point
(CMOS input = VDD/2).
90%
Figure 7. AC Test Loads and Input Waveforms
Input Pulses
10%
< 5ns
< 5ns
460 ohms
VDD/2
50pF
CMOS
0.5V
VDD-0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com