Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT7C138C45WPC Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # UT7C138C45WPC
Description  4Kx8/9 Radiation-Hardened Dual-Port Static RAM with Busy Flag
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT7C138C45WPC Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

Back Button UT7C138C45WPC Datasheet HTML 3Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 4Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 5Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 6Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 7Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 8Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 9Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 10Page - Aeroflex Circuit Technology UT7C138C45WPC Datasheet HTML 11Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
AC CHARACTERISTICS READ CYCLE 1,2
(VDD = 5.0V±10%)
Notes:
1. Test conditions assume signal transition time of 5ns or less, timing reference levels of V DD /2, input pulse levels of 0.5V to VDD-0.5V, and output
loading of the specified IOL/IOH and 50-pF load capacitance.
2. AC test conditions use VOH/VOL=VDD/2 + 500mV.
SYMBOL
PARAMETER
7C138 - 45
7C139 - 45
MIN
MAX
7C138 - 55
7C139 - 55
MIN
MAX
UNIT
t
RC
Read cycle time
45
55
ns
tAA
Address to data valid2
45
55
ns
tOHA
Output hold from address change
5
5
ns
tACE
CE LOW to data valid
2
45
55
ns
t
DOE
OE LOW to data valid2
20
20
ns
tLZOE
OE LOW to low Z
0
0
ns
tHZOE
OE HIGH to high Z
20
20
ns
tLZCE
CE LOW to low Z
0
0
ns
t
HZCE
CE HIGH to high Z
20
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com