Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T48C862M-R3-TNQ Datasheet(PDF) 93 Page - ATMEL Corporation

Part # T48C862M-R3-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ Datasheet(HTML) 93 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 89Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 90Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 91Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 92Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 93Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 94Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 95Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 96Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 97Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 107 page
background image
93
T48C862-R3
4554A–4BMCU–02/03
Write Control Bytes
A -> acknowledge; HB: high byte; LB: low byte; R: row address
Read Operations
The EEPROM allows byte-, word- and current address read operations. The read oper-
ations are initiated in the same way as write operations. Every read access is initiated by
sending the START condition followed by the control byte which contains the address
and the read mode. When the device has received a read command, it returns an
acknowledge, loads the addressed word into the read/write buffer and sends the
selected data byte to the master. The master has to acknowledge the received byte if it
wants to proceed the read operation. If two bytes are read out from the buffer the device
increments respectively decrements the word address automatically and loads the
buffer with the next word. The read mode bits determines if the low or high byte is read
first from the buffer and if the word address is incremented or decremented for the next
read access. If the memory address limit is reached, the data word address will roll over
and the sequential read will continue. The master can terminate the read operation after
every byte by not responding with an acknowledge (N) and by issuing a stop condition.
Read One Data Byte
Read Two Data Bytes
Read n Data Bytes
Read Control Bytes
MSB
LSB
Write low byte first
A4
A3
A2
A1
A0
C1
C0
R/NW
Row address
0
1
0
Byte order
LB(R)
HB(R)
MSB
LSB
Write high byte first
A4
A3
A2
A1
A0
C1
C0
R/NW
Row address
1
0
0
Byte order
HB(R)
LB(R)
Start
Control byte
A
Data byte 1
N
Stop
Start
Control byte
A
Data byte 1
A
Data byte 2
N
Stop
Start
Control byte
A
Data byte 1
A
Data byte 2
A - - -
Data byte n
N Stop
MSB
LSB
Read low byte first,
address increment
A4
A3
A2
A1
A0
C1
C0
R/NW
Row address
0
1
1
Byte order
LB(R)
HB(R)
LB(R+1)
HB(R+1)
- - -
LB(R+n)
HB(R+n)
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com