Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T48C862M-R3-TNQ Datasheet(PDF) 25 Page - ATMEL Corporation

Part # T48C862M-R3-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 21Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 22Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 23Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 24Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 25Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 26Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 27Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 28Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 107 page
background image
25
T48C862-R3
4554A–4BMCU–02/03
Figure 20. Clock Module
Table 3. Clock Modes
The clock module generates two output clocks. One is the system clock (SYSCL) and
the other the periphery (SUBCL). The SYSCL can supply the core and the peripherals
and the SUBCL can supply only the peripherals with clocks. The modes for clock
sources are programmable with the OS1-bit and OS0-bit in the SC-register and the
CCS-bit in the CM-register.
Oscillator Circuits and
External Clock Input
Stage
The microcontroller block series consists of four different internal oscillators: two RC-
oscillators, one 4-MHz crystal oscillator, one 32-kHz crystal oscillator and one external
clock input stage.
RC-oscillator 1
Fully Integrated
For timing insensitive applications, it is possible to use the fully integrated RC
oscillator 1. It operates without any external components and saves additional costs.
The RC-oscillator 1 center frequency tolerance is better than ±50% over the full temper-
ature and voltage range. The basic center frequency of the RC-oscillator 1 is
f
O » 3.8 MHz. The RC oscillator 1 is selected by default after power-on reset.
Mode
OS1
OS0
Clock Source for SYSCL
Clock Source
for SUBCL
CCS = 1
CCS = 0
1
1
1
RC-oscillator 1 (internal)
External input clock
C
in/16
2
0
1
RC-oscillator 1 (internal)
RC-oscillator 2 with
external trimming
resistor
C
in/16
3
1
0
RC-oscillator 1 (internal)
4-MHz oscillator
Cin/16
4
0
0
RC-oscillator 1 (internal)
32-kHz oscillator
32 kHz
Ext. clock
ExI
n
ExOu
t
Stop
RC oscillator2
RCOut2
Stop
R
Trim
4-MHz oscillator
4Out
Stop
Osci
n
Oscou
t
Osci
n
Oscou
t
32-kHz oscillator
32Out
Osci
n
Oscou
t
RC
oscillator 1
RCOut1
Control
Stop
IN1
IN2
Cin
/2
/2
/2
/2
Divide
r
Sleep
WDL
Osc-
Stop
NSTOP
CCS
CSS1
CSS0
CM:
BOT
- - -
OS1
OS0
SUBCL
SYSCL
SC:
*
OSC1
*
OSC2
*
Configurable
Cin/16
32
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com